Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


BAY80-TR Datasheet(Fiches technique) 1 Page - Vishay Siliconix

Numéro de pièce BAY80-TR
Description  Small Signal Switching Diode, High Voltage
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo 

   
 1 page
background image
BAY80
Document Number 85553
Rev. 1.8, 19-Feb-07
Vishay Semiconductors
www.vishay.com
1
94 9367
Small Signal Switching Diode, High Voltage
Features
• Silicon Epitaxial Planar Diode
• Lead (Pb)-free component
• Component in accordance to RoHS
2002/95/EC and WEEE 2002/96/EC
Applications
• General purpose
Mechanical Data
Case: DO35 Glass case
Weight: approx. 125 mg
Cathode Band Color: black
Packaging Codes/Options:
TR/10 k per 13" reel (52 mm tape), 50 k/box
TAP/10 k per Ammopack (52 mm tape), 50 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Ordering code
Type Marking
Remarks
BAY80
BAY80-TR or BAY80-TAP
BAY80
Tape and Reel/Ammopack
Parameter
Test condition
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
150
V
Reverse voltage
VR
120
V
Peak forward surge current
tp = 1 µs
IFSM
1A
Repetitive peak forward current
IFRM
625
mA
Forward continuous current
IF
250
mA
Average forward current
IFAV
200
mA
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air l = 4 mm, TL = constant
RthJA
350
K/W
Junction to ambient air
Tj
+ 175
°C
Storage temperature range
Tstg
- 65 to + 175
°C
e2




Html Pages

1  2  3  4  5 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
S07B_05Small Signal Fast Switching Diode High Voltage 1 2 3 4 5 MoreVishay Siliconix
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
HSS83Silicon Epitaxial Planar Diode for High Voltage Switching 1 2 3 4 5 Renesas Technology Corp
1N4150W-VSmall Signal Switching Diode 1 2 3 4 Vishay Siliconix
MMBD914-VSmall Signal Switching Diode 1 2 3 4 Vishay Siliconix
2N5551Small Signal High Voltage Transistor NPN 1 2 3 4 TAITRON Components Incorporated
CMPD2004SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE 1 2 Central Semiconductor Corp
BAV19WS0.2W Surface Mount Flat Lead High Voltage Switching Diode 1 2 Taiwan Semiconductor Company, Ltd
LL4150SMALL SIGNAL SWITCHING DIODE 1 2 Galaxy Semi-Conductor Holdings Limited
1N4151WS-VSmall Signal Fast Switching Diode 1 2 3 4 5 MoreVishay Siliconix

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl