Moteur de recherche de fiches techniques de composants électroniques |
|
TDA8192 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
TDA8192 Fiches technique(HTML) 5 Page - STMicroelectronics |
5 / 5 page Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No licence is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without noti ce. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. © 1994 SGS-THOMSON Microelectronics - All Rights Reserved Purchase of I 2C Components of SGS-THOMSON Microelectronics, conveys a license under the Philips I 2C Patent. Rights to use these components in a I2C system, is granted provided that the system conforms to the I 2C Standard Specifications as defined by Philips. SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. 20 11 1 10 B e D Z b Z e3 b1 E PACKAGE MECHANICAL DATA 20 PINS - PLASTIC DIP Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. a1 0.254 0.010 B 1.39 1.65 0.055 0.065 b 0.45 0.018 b1 0.25 0.010 D 25.4 1.000 E 8.5 0.335 e 2.54 0.100 e3 22.86 0.900 F 7.1 0.280 i 3.93 0.155 L 3.3 0.130 Z 1.34 0.053 TDA8192 5/5 |
Numéro de pièce similaire - TDA8192 |
|
Description similaire - TDA8192 |