Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSHG8200 Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce TSHG8200
Description  High Speed Infrared Emitting Diode, RoHS Compliant, 830 nm, GaAlAs Double Hetero
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHG8200 Fiches technique(HTML) 5 Page - Vishay Siliconix

  TSHG8200 Datasheet HTML 1Page - Vishay Siliconix TSHG8200 Datasheet HTML 2Page - Vishay Siliconix TSHG8200 Datasheet HTML 3Page - Vishay Siliconix TSHG8200 Datasheet HTML 4Page - Vishay Siliconix TSHG8200 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Numéro de pièce similaire - TSHG8200

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSHG8200 VISHAY-TSHG8200 Datasheet
101Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
Rev. 1.2, 02-Jul-09
TSHG8200 VISHAY-TSHG8200 Datasheet
113Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2022
TSHG8200 VISHAY-TSHG8200 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2023
TSHG8200 VISHAY-TSHG8200_09 Datasheet
101Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
Rev. 1.2, 02-Jul-09
TSHG8200 VISHAY-TSHG8200_V01 Datasheet
113Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2022
More results

Description similaire - TSHG8200

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSHG8400 VISHAY-TSHG8400 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 830 nm, GaAlAs Double Hetero
Rev. 1.1, 04-Sep-08
VSMG2700 VISHAY-VSMG2700 Datasheet
136Kb / 6P
   High Speed Infrared Emitting Diode, RoHS Compliant, 830 nm, GaAlAs Double Hetero
Rev. 1.2, 04-Sep-08
TSHG5510 VISHAY-TSHG5510_11 Datasheet
95Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
Rev. 1.2, 23-Aug-11
TSHG8200 VISHAY-TSHG8200_V01 Datasheet
113Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2022
TSHG5510 VISHAY-TSHG5510_V02 Datasheet
92Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2023
VSMG2720 VISHAY-VSMG2720_13 Datasheet
133Kb / 6P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
Rev. 1.3, 24-Sep-13
VSMG2720 VISHAY-VSMG2720_V01 Datasheet
144Kb / 6P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2022
TSHG8400 VISHAY-TSHG8400_V01 Datasheet
104Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2022
VSMG2700 VISHAY-VSMG2700_09 Datasheet
137Kb / 6P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
Rev. 1.3, 03-Nov-09
TSHG8200 VISHAY-TSHG8200_09 Datasheet
101Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
Rev. 1.2, 02-Jul-09
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com