Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS170WS-V-GS18 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce BAS170WS-V-GS18
Description  Small Signal Schottky Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS170WS-V-GS18 Fiches technique(HTML) 1 Page - Vishay Siliconix

  BAS170WS-V-GS18 Datasheet HTML 1Page - Vishay Siliconix BAS170WS-V-GS18 Datasheet HTML 2Page - Vishay Siliconix BAS170WS-V-GS18 Datasheet HTML 3Page - Vishay Siliconix BAS170WS-V-GS18 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS170WS-V
Document Number 85653
Rev. 1.6, 02-Jul-07
Vishay Semiconductors
www.vishay.com
1
20145
Small Signal Schottky Diode
Features
• Schottky diode for high-speed switching
• Circuit protection
• Voltage clamping
• High-level detecting and mixing
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: SOD323 Plastic case
Weight: approx. 4.3 mg
Packaging Codes/Options:
GS18/10 k per 13" reel (8 mm tape), 10 k/box
GS08/3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Note:
1) Valid provided that electrodes are kept at ambient temperature.
Part
Ordering code
Type Marking
Remarks
BAS170WS-V
BAS170WS-V-GS18 or BAS170WS-V-GS08
73
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
70
V
Forward continuous current
Tamb = 25 °C
IF
70
mA
Surge forward current
tp < 1 s, Tamb = 25 °C
IFSM
600
mA
Power dissipation1)
Tamb = 25 °C
Ptot
200
mW
e3


Numéro de pièce similaire - BAS170WS-V-GS18

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
84Kb / 4P
   Small Signal Schottky Diode
Rev. 1.7, 05-Aug-10
BAS170WS-V VISHAY-BAS170WS-V Datasheet
59Kb / 3P
   Small Signal Schottky Diode
Rev. 1.7, 05-Aug-10
BAS170WS-V VISHAY-BAS170WS-V_10 Datasheet
84Kb / 4P
   Small Signal Schottky Diode
Rev. 1.7, 05-Aug-10
BAS170WS-V VISHAY-BAS170WS-V_12 Datasheet
59Kb / 3P
   Small Signal Schottky Diode
Rev. 1.7, 05-Aug-10
More results

Description similaire - BAS170WS-V-GS18

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com