Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAR64V-05W-V-GS18 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce BAR64V-05W-V-GS18
Description  RF PIN Diodes - Dual, Common Cathode in SOT323
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAR64V-05W-V-GS18 Fiches technique(HTML) 2 Page - Vishay Siliconix

  BAR64V-05W-V-GS18 Datasheet HTML 1Page - Vishay Siliconix BAR64V-05W-V-GS18 Datasheet HTML 2Page - Vishay Siliconix BAR64V-05W-V-GS18 Datasheet HTML 3Page - Vishay Siliconix BAR64V-05W-V-GS18 Datasheet HTML 4Page - Vishay Siliconix BAR64V-05W-V-GS18 Datasheet HTML 5Page - Vishay Siliconix BAR64V-05W-V-GS18 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 81836
Rev. 1.1, 25-Feb-08
BAR64V-05W-V
Vishay Semiconductors
For technical support, please contact: Diodes-SSP@vishay.com
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Min.
Typ.
Max.
Unit
Reverse voltage
IR = 10 µA
VR
100
V
Reverse current
VR = 50 V
IR
50
nA
Forward voltage
IF = 50 mA
VF
1.1
V
Diode capacitance
f = 1 MHz, VR = 0
CD
0.5
pF
f = 1 MHz, VR = 1 V
CD
0.37
0.5
pF
f = 1 MHz, VR = 20 V
CD
0.23
0.35
pF
Forward resistance
f = 100 MHz, IF = 1 mA
rf
10
20
Ω
f = 100 MHz, IF = 10 mA
rf
2.0
3.8
Ω
f = 100 MHz, IF = 100 mA
rf
0.8
1.35
Ω
Charge carrier life time
IF = 10 mA, IR = 6 mA, iR = 3 mA
trr
1.8
µs
Series inductance
LS
1nH
Figure 1. Forward Resistance vs. Forward Current
Figure 2. Diode Capacitance vs. Reverse Voltage
0.1
1.0
10.0
100.0
0.1
1
10
100
18342
I - Forward Current (mA)
F
f = 100 MHz
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
16
20
24
28
18334
V - Reverse Voltage (V)
R
f = 1 MHz
12
0
8
4
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Typical Charge Recovery Curve
0.01
0.10
1.00
10.00
100.00
0.5
0.6
0.7
0.8
0.9
1.0
V - Forward Voltage (V)
F
18326
- 8
- 6
- 4
- 2
0
2
4
6
8
10
12
- 500
500
1500
2500
3500
18338
t
rr - Reverse Recovery Time (ns)
I = 10 mA
F
I = 6 mA
R
i =
3 mA
rr


Numéro de pièce similaire - BAR64V-05W-V-GS18

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BAR64V-05W-V VISHAY-BAR64V-05W-V Datasheet
94Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.3, 29-Oct-10
BAR64V-05W-V VISHAY-BAR64V-05W-V_10 Datasheet
94Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.3, 29-Oct-10
More results

Description similaire - BAR64V-05W-V-GS18

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BAR64V-05W VISHAY-BAR64V-05W Datasheet
93Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.5, 25-Feb-13
BAR64-05W VISHAY-BAR64-05W Datasheet
110Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
01-Jan-2022
BAR64V-05 VISHAY-BAR64V-05 Datasheet
100Kb / 4P
   RF PIN Diodes - Dual, Common Cathode in SOT-23
Rev. 1.2, 26-Apr-04
BAR64V-05W-V VISHAY-BAR64V-05W-V_10 Datasheet
94Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.3, 29-Oct-10
logo
Nihon Inter Electronics...
C20T06Q-11A NIEC-C20T06Q-11A Datasheet
29Kb / 2P
   DUAL DIODES - CATHODE COMMON
logo
Vishay Siliconix
BAR63V-06W VISHAY-BAR63V-06W Datasheet
132Kb / 5P
   RF PIN Diodes - Dual, Common Anode in SOT-323
Rev. 1.3, 15-Apr-05
logo
Nihon Inter Electronics...
EA60QC03L NIEC-EA60QC03L Datasheet
46Kb / 6P
   SBD DUAL DIODES CATHODE COMMON
FCQ10A03L NIEC-FCQ10A03L Datasheet
44Kb / 6P
   SBD DUAL DIODES - CATHODE COMMON
FCQ20B06 NIEC-FCQ20B06 Datasheet
46Kb / 6P
   SBD DUAL DIODES - CATHODE COMMON
KCF16A60 NIEC-KCF16A60 Datasheet
42Kb / 4P
   FRD DUAL DIODES CATHODE COMMON
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com