Moteur de recherche de fiches techniques de composants électroniques |
|
BZW04-256 Fiches technique(PDF) 3 Page - Vishay Siliconix |
|
BZW04-256 Fiches technique(HTML) 3 Page - Vishay Siliconix |
3 / 6 page BZW04P-5V8 thru BZW04-376 Vishay General Semiconductor Document Number: 88316 Revision: 22-Oct-08 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 3 Notes: (1) Pulse test: tp ≤ 50 ms (2) Surge current waveform per Fig. 3 and derated per Fig. 2 (3) All terms and symbols are consistent with ANSI/IEEE C62.35 (4) For bi-directional types having VWM of 10 V and less, the ID limit is doubled Note: (1) Automotive grade AEC Q101 qualified BZW04P70 BZW04P70B 77.9 90.2 1.0 70.1 1.0 3.5 113 0.105 BZW04-70 BZW04-70B 77.9 86.1 1.0 70.1 1.0 3.5 113 0.105 BZW04P78 BZW04P78B 86.5 100 1.0 78.0 1.0 3.2 125 0.105 BZW04-78 BZW04-78B 86.5 95.5 1.0 78.0 1.0 3.2 125 0.105 BZW04P85 BZW04P85B 95.0 110 1.0 85.5 1.0 2.9 137 0.106 BZW04-85 BZW04-85B 95.0 105 1.0 85.5 1.0 2.9 137 0.106 BZW04P94 BZW04P94B 105 121 1.0 94.0 1.0 2.6 152 0.107 BZW04-94 BZW04-94B 105 116 1.0 94.0 1.0 2.6 152 0.107 BZW04P102 BZW04P102B 114 132 1.0 102 1.0 2.4 165 0.107 BZW04-102 BZW04-102B 114 126 1.0 102 1.0 2.4 165 0.107 BZW04P110 BZW04P110B 124 143 1.0 111 1.0 2.2 179 0.107 BZW04-110 BZW04-110B 124 137 1.0 111 1.0 2.2 179 0.107 BZW04P128 BZW04P128B 143 165 1.0 128 1.0 2.0 207 0.108 BZW04-128 BZW04-128B 143 158 1.0 128 1.0 2.0 207 0.108 BZW04P136 BZW04P136B 152 176 1.0 136 1.0 1.8 219 0.108 BZW404-136 BZW404-136B 152 168 1.0 136 1.0 1.8 219 0.108 BZW04P145 BZW04P145B 161 187 1.0 145 1.0 1.7 234 0.108 BZW04-145 BZW04-145B 161 179 1.0 145 1.0 1.7 234 0.108 BZW04P154 BZW04P154B 171 198 1.0 154 1.0 1.6 246 0.108 BZW04-154 BZW04-154B 171 189 1.0 154 1.0 1.6 246 0.108 BZW04P171 BZW04P171B 190 220 1.0 171 1.0 1.5 274 0.108 BZW04-171 BZW04-171B 190 210 1.0 171 1.0 1.5 274 0.108 BZW04P188 BZW04P188B 209 242 1.0 188 1.0 1.4 301 0.108 BZW04-188 BZW04-188B 209 231 1.0 188 1.0 1.4 301 0.108 BZW04P213 BZW04P213B 237 275 1.0 213 1.0 1.2 344 0.110 BZW04-213 BZW04-213B 237 263 1.0 213 1.0 1.2 344 0.110 BZW04P239 BZW04P239B 266 308 1.0 239 1.0 1.1 384 0.110 BZW04-239 BZW04-239B 266 294 1.0 239 1.0 1.1 384 0.110 BZW04P256 BZW04P256B 285 330 1.0 256 1.0 1.0 414 0.110 BZW04-256 BZW04-256B 285 315 1.0 256 1.0 1.0 414 0.110 BZW04P273 BZW04P273B 304 352 1.0 273 1.0 0.90 438 0.110 BZW04-273 BZW04-273B 304 336 1.0 273 1.0 0.90 438 0.110 BZW04P299 BZW04P299B 332 385 1.0 299 1.0 0.80 482 0.110 BZW04-299 BZW04-299B 332 368 1.0 299 1.0 0.80 482 0.110 BZW04P342 BZW04P342B 380 440 1.0 342 1.0 0.75 548 0.110 BZW04-342 BZW04-342B 380 420 1.0 342 1.0 0.75 548 0.110 BZW04P376 BZW04P376B 418 484 1.0 376 1.0 0.67 603 0.110 BZW04-376 BZW04-376B 418 462 1.0 376 1.0 0.67 603 0.110 ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PART NUMBER BREAKDOWN VOLTAGE VBR AT IT (1) (V) TEST CURRENT IT (mA) STAND- OFF VOLTAGE VWM (V) MAXIMUM REVERSE LEAKAGE AT VWM ID (4) (µA) MAXIMUM PEAK PULSE CURRENT IPPM (2) (A) MAXIMUM CLAMPING VOLTAGE AT IPPM VC (V) MAXIMUM TEMPERATURE COEFFICIENT OF VBR (%/°C) UNI-DIRECTIONAL BI-DIRECTIONAL MIN. MAX. ORDERING INFORMATION (Example) PREFERRED P/N UNIT WEIGHT (g) PREFERRED PACKAGE CODE BASE QUANTITY DELIVERY MODE BZW04P10-E3/54 0.350 54 5500 13" diameter paper tape and reel BZW04P10HE3/54 (1) 0.350 54 5500 13" diameter paper tape and reel |
Numéro de pièce similaire - BZW04-256 |
|
Description similaire - BZW04-256 |