Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCZT8020 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce TCZT8020
Description  Matched Pairs of Emitters and Detectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCZT8020 Fiches technique(HTML) 4 Page - Vishay Siliconix

  TCZT8020_06 Datasheet HTML 1Page - Vishay Siliconix TCZT8020_06 Datasheet HTML 2Page - Vishay Siliconix TCZT8020_06 Datasheet HTML 3Page - Vishay Siliconix TCZT8020_06 Datasheet HTML 4Page - Vishay Siliconix TCZT8020_06 Datasheet HTML 5Page - Vishay Siliconix TCZT8020_06 Datasheet HTML 6Page - Vishay Siliconix TCZT8020_06 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number 83774
Rev. 1.4, 04-Sep-06
TCZT8020
Vishay Semiconductors
Figure 6. Collector Current vs. Collector Emitter Voltage
Figure 7. Current Transfer Ratio vs. Forward Current
Figure 8. Turn on/off Time vs. Forward Current
0.1
0.01
0.1
1
10
V
- Collector Emitter Voltage (V)
CE
95 11112
d = 4 mm
5 mA
2 mA
IF = 50 mA
20 mA
10 mA
100
10
1
0.1
0.1
1
10
100
I - Forward Current (mA)
F
95 11114
VCE = 5 V
d = 4 mm
100
10
1
0
I - Collector Current (mA)
C
95 11104
toff
ton
0
5
10
15
20
Non Saturated
Operation
VS = 5 V
RL= 100
d = 4 mm
10
8
6
4
2
Figure 9. Collector Current vs. Distance
Figure 10. Pulse diagram
Figure 11. Switching Times
0
0.01
0.1
1
10
d - Distance (mm)
95 11115
d
VCE = 5 V
IF = 20 mA
Tamb = 25 °C
10
6
4
2
8
Channel I
Channel II
+ 5 V
IF
0
95 10846
RG = 50
tp
tp = 50 µs
T
= 0.01
IC = 1 mA; adjusted by I
50
100
Oscilloscope
RL
1M
CL
20 pF
IF
F
tp
t
t
0
0
10 %
90 %
100 %
tr
td
ton
ts
tf
toff
IF
IC
96 11698
tp
pulse duration
td
delay time
tr
rise time
ton (=t + t )
d
r
turn-on time
ts
storage time
tf
fall time
toff (= ts +tf)turn-off time


Numéro de pièce similaire - TCZT8020_06

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TCZT8020-PAER VISHAY-TCZT8020-PAER Datasheet
263Kb / 11P
   Reflective Optical Sensor with Transistor Output
Rev. 1.7, 17-Aug-09
TCZT8020-PAER VISHAY-TCZT8020-PAER Datasheet
317Kb / 13P
   Subminiature Transmissive Optical Sensor with Transistor Output
Rev. 1.0, 14-Mar-13
TCZT8020 VISHAY-TCZT8020_11 Datasheet
246Kb / 11P
   Matched Pairs of Emitters and Detectors
Rev. 1.7, 15-Mar-11
More results

Description similaire - TCZT8020_06

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TCZT8020 VISHAY-TCZT8020_11 Datasheet
246Kb / 11P
   Matched Pairs of Emitters and Detectors
Rev. 1.7, 15-Mar-11
logo
OSRAM GmbH
SFH4650 OSRAM-SFH4650_13 Datasheet
275Kb / 14P
   Emitters and Detectors for Infrared (IR) Touchscreens
logo
Honeywell Accelerometer...
SME2470-021 HONEYWELL-ACC-SME2470-021 Datasheet
276Kb / 8P
   Ceramic Discrete Surface Mount Emitters and Detectors
SME2470-011 HONEYWELL-ACC-SME2470-011 Datasheet
276Kb / 8P
   Ceramic Discrete Surface Mount Emitters and Detectors
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-5531 AVAGO-HSCH-5531 Datasheet
160Kb / 6P
   Beam Lead Schottky Diode Pairs for Mixers and Detectors
HSCH-55XX AVAGO-HSCH-55XX Datasheet
200Kb / 6P
   Beam Lead Schottky Diode Pairs for Mixers and Detectors
logo
Vishay Siliconix
U430 VISHAY-U430_V01 Datasheet
65Kb / 7P
   Matched N-Channel Pairs
18-Jul-08
U430 VISHAY-U430 Datasheet
53Kb / 6P
   Matched N-Channel Pairs
Rev. E, 04-Jun-01
logo
Lumileds Lighting Compa...
WP23 LUMILEDS-WP23 Datasheet
929Kb / 10P
   of LED Emitters and LED Arrays
logo
New Jersey Semi-Conduct...
2N5564 NJSEMI-2N5564 Datasheet
268Kb / 2P
   MATCHED N-CHANNEL JFET PAIRS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com