Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCET1116 Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce TCET1116
Description  Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1116 Fiches technique(HTML) 5 Page - Vishay Siliconix

  TCET1116 Datasheet HTML 1Page - Vishay Siliconix TCET1116 Datasheet HTML 2Page - Vishay Siliconix TCET1116 Datasheet HTML 3Page - Vishay Siliconix TCET1116 Datasheet HTML 4Page - Vishay Siliconix TCET1116 Datasheet HTML 5Page - Vishay Siliconix TCET1116 Datasheet HTML 6Page - Vishay Siliconix TCET1116 Datasheet HTML 7Page - Vishay Siliconix TCET1116 Datasheet HTML 8Page - Vishay Siliconix TCET1116 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 83546
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.8, 21-Nov-07
5
TCET1110/TCET1110G
Optocoupler, Phototransistor Output,
High Temperature, 110 °C Rated
Vishay Semiconductors
Note
According to DIN EN 60747-5-2 (VDE0884)/ DIN EN 60747-5-5 pending (see figure 1). This optocoupler is suitable for safe electrical isolation
only within the safety ratings. Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
Fig. 1 - Derating Diagram
Fig. 2 - Test Pulse Diagram for Sample Test according to DIN EN
60747-5-2 (VDE 0884)/DIN EN 60747-; IEC60747
MAXIMUM SAFETY RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward current
IF
130
mA
OUTPUT
Power dissipation
Pdiss
265
mW
COUPLER
Rated impulse voltage
VIOTM
8kV
Safety temperature
Tsi
150
°C
INSULATION RATED PARAMETERS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Partial discharge test voltage -
routine test
100 %, ttest = 1 s
Vpd
1.6
kV
Partial discharge test voltage -
lot test (sample test)
tTr = 60 s, ttest = 10 s,
(see figure 2)
VIOTM
8kV
Vpd
1.3
kV
Insulation resistance
VIO = 500 V
RIO
1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
1011
Ω
VIO = 500 V, Tamb = 150 °C
(construction test only)
RIO
109
Ω
0
25
50
75
125
0
50
100
150
200
300
T
si - Safety Temperature (°C)
150
94 9182
100
250
Phototransistor
P
si (mW)
IR-Diode
I
si (mA)
t
13930
t1, t2 = 1 to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
VPd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2


Numéro de pièce similaire - TCET1116

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TCET1116 VISHAY-TCET1116 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCET1116G VISHAY-TCET1116G Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
More results

Description similaire - TCET1116

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TCET111 VISHAY-TCET111_V01 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2023
VO615A VISHAY-VO615A Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
Rev. 1.0, 04-Mar-08
TCET111 VISHAY-TCET111 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2022
SFH1617A VISHAY-SFH1617A Datasheet
124Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 1.6, 25-Jan-08
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
SFH1617A VISHAY-SFH1617A_V02 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2023
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
01-Jan-2023
SFH1617A VISHAY-SFH1617A_V01 Datasheet
160Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2022
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
Rev. 2.3, 14-Jan-13
SFH1617A VISHAY-SFH1617A_17 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
Rev. 2.1, 10-May-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com