Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55B39 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce BZX55B39
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX55B39 Fiches technique(HTML) 3 Page - Vishay Siliconix

  BZX55B39 Datasheet HTML 1Page - Vishay Siliconix BZX55B39 Datasheet HTML 2Page - Vishay Siliconix BZX55B39 Datasheet HTML 3Page - Vishay Siliconix BZX55B39 Datasheet HTML 4Page - Vishay Siliconix BZX55B39 Datasheet HTML 5Page - Vishay Siliconix BZX55B39 Datasheet HTML 6Page - Vishay Siliconix BZX55B39 Datasheet HTML 7Page - Vishay Siliconix BZX55B39 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BZX55-Series
Document Number 85604
Rev. 1.5, 05-Jul-07
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
BZX55B..
Partnumber
Zener Voltage
Range
Dynamic
Resistance
Test
Current
Temperature
Coefficient
Test
Current
Reverse Leakage Current
VZ at IZT
rzjT at
IZT,
f = 1 kHz
rzjK at
IZK,
f = 1 kHz
IZT
TKVZ
IZK
IR at
Tamb =
25 °C
IR at
Tamb =
150 °C
at VR
V
Ω
mA
%/K
mA
µA
V
min
max
min
max
BZX55B2V7
2.64
2.76
< 85
< 600
5
- 0.09
- 0.06
1
< 10
< 50
1
BZX55B3V0
2.94
3.06
< 90
< 600
5
- 0.08
- 0.05
1
< 4
< 40
1
BZX55B3V3
3.24
3.36
< 90
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
BZX55B3V6
3.52
3.68
< 90
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
BZX55B3V9
3.82
3.98
< 90
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
BZX55B4V3
4.22
4.38
< 90
< 600
5
- 0.06
- 0.03
1
< 1
< 20
1
BZX55B4V7
4.6
4.8
< 80
< 600
5
- 0.05
0.02
1
< 0.5
< 10
1
BZX55B5V1
5
5.2
< 60
< 550
5
- 0.02
0.02
1
< 0.1
< 2
1
BZX55B5V6
5.48
5.72
< 40
< 450
5
- 0.05
0.05
1
< 0.1
< 2
1
BZX55B6V2
6.08
6.32
< 10
< 200
5
0.03
0.06
1
< 0.1
< 2
2
BZX55B6V8
6.66
6.94
< 8
< 150
5
0.03
0.07
1
< 0.1
< 2
3
BZX55B7V5
7.35
7.65
< 7
< 50
5
0.03
0.07
1
< 0.1
< 2
5
BZX55B8V2
8.04
8.36
< 7
< 50
5
0.03
0.08
1
< 0.1
< 2
6.2
BZX55B9V1
8.92
9.28
< 10
< 50
5
0.03
0.09
1
< 0.1
< 2
6.8
BZX55B10
9.8
10.2
< 15
< 70
5
0.03
0.1
1
< 0.1
< 2
7.5
BZX55B11
10.78
11.22
< 20
< 70
5
0.03
0.11
1
< 0.1
< 2
8.2
BZX55B12
11.76
12.24
< 20
< 90
5
0.03
0.11
1
< 0.1
< 2
9.1
BZX55B13
12.74
13.26
< 26
< 110
5
0.03
0.11
1
< 0.1
< 2
10
BZX55B15
14.7
15.3
< 30
< 110
5
0.03
0.11
1
< 0.1
< 2
11
BZX55B16
15.7
16.3
< 40
< 170
5
0.03
0.11
1
< 0.1
< 2
12
BZX55B18
17.64
18.36
< 50
< 170
5
0.03
0.11
1
< 0.1
< 2
13
BZX55B20
19.6
20.4
< 55
< 220
5
0.03
0.11
1
< 0.1
< 2
15
BZX55B22
21.55
22.45
< 55
< 220
5
0.04
0.12
1
< 0.1
< 2
16
BZX55B24
23.5
24.5
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
18
BZX55B27
26.4
27.6
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
20
BZX55B30
29.4
30.6
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
22
BZX55B33
32.4
33.6
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
24
BZX55B36
35.3
36.7
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
27
BZX55B39
38.2
39.8
< 90
< 500
2.5
0.04
0.12
0.5
< 0.1
< 5
30
BZX55B43
42.1
43.9
< 90
< 600
2.5
0.04
0.12
0.5
< 0.1
< 5
33
BZX55B47
46.1
47.9
< 110
< 700
2.5
0.04
0.12
0.5
< 0.1
< 5
36
BZX55B51
50
52
< 125
< 700
2.5
0.04
0.12
0.5
< 0.1
< 10
39
BZX55B56
54.9
57.1
< 135
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
43
BZX55B62
60.8
63.2
< 150
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
47
BZX55B68
66.6
69.4
< 200
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
51
BZX55B75
73
76.5
< 250
< 1500
2.5
0.04
0.12
0.5
< 0.1
< 10
56


Numéro de pièce similaire - BZX55B39

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BZX55B39 VISHAY-BZX55B39 Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZX55B39 NJSEMI-BZX55B39 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Taiwan Semiconductor Co...
BZX55B39 TSC-BZX55B39 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
EIC discrete Semiconduc...
BZX55B39 EIC-BZX55B39 Datasheet
41Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
BZX55B39 VISHAY-BZX55B39 Datasheet
103Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 25-Nov-11
More results

Description similaire - BZX55B39

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com