Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4310BDY-E3 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce SI4310BDY-E3
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4310BDY-E3 Fiches technique(HTML) 3 Page - Vishay Siliconix

  SI4310BDY-E3 Datasheet HTML 1Page - Vishay Siliconix SI4310BDY-E3 Datasheet HTML 2Page - Vishay Siliconix SI4310BDY-E3 Datasheet HTML 3Page - Vishay Siliconix SI4310BDY-E3 Datasheet HTML 4Page - Vishay Siliconix SI4310BDY-E3 Datasheet HTML 5Page - Vishay Siliconix SI4310BDY-E3 Datasheet HTML 6Page - Vishay Siliconix SI4310BDY-E3 Datasheet HTML 7Page - Vishay Siliconix SI4310BDY-E3 Datasheet HTML 8Page - Vishay Siliconix SI4310BDY-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Si4310BDY
Vishay Siliconix
New Product
Document Number: 73064
S-41530—Rev. A, 16-Aug-04
www.vishay.com
3
SCHOTTKY SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage Drop
VF
IF = 3 A
0.485
0.53
V
Forward Voltage Drop
VF
IF = 3 A, TJ = 125_C
0.42
0.42
V
Vr = 30 V
0.008
0.100
Maximum Reverse Leakage Current
Irm
Vr = 30 V, TJ = 75_C
0.4
5
mA
g
rm
Vr = −30 V, TJ = 125_C
6.5
20
Junction Capacitance
CT
Vr = 15 V
102
pF
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
CHANNEL-1
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
5
10
15
20
25
30
35
40
0
1234
5
VGS = 10 thru 5 V
TC = 125_C
−55_C
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
4 V
3 V
0
400
800
1200
1600
2000
0
5
10
15
20
25
30
0.000
0.004
0.008
0.012
0.016
0.020
0
5
10
15
20
25
30
VDS − Drain-to-Source Voltage (V)
Crss
ID − Drain Current (A)
On-Resistance vs. Drain Current
Capacitance
VGS = 4.5 V
VGS = 10 V
Coss
Ciss


Numéro de pièce similaire - SI4310BDY-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4310BDY VISHAY-SI4310BDY Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results

Description similaire - SI4310BDY-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com