Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1539DL Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce SI1539DL
Description  Complementary 30-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1539DL Fiches technique(HTML) 4 Page - Vishay Siliconix

  SI1539DL Datasheet HTML 1Page - Vishay Siliconix SI1539DL Datasheet HTML 2Page - Vishay Siliconix SI1539DL Datasheet HTML 3Page - Vishay Siliconix SI1539DL Datasheet HTML 4Page - Vishay Siliconix SI1539DL Datasheet HTML 5Page - Vishay Siliconix SI1539DL Datasheet HTML 6Page - Vishay Siliconix SI1539DL Datasheet HTML 7Page - Vishay Siliconix SI1539DL Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Si1539DL
Vishay Siliconix
www.vishay.com
2-4
Document Number: 71250
S-21374—Rev. B, 12-Aug-02
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
N−CHANNEL
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
2468
10
TJ = 150_C
TJ = 25_C
ID = 0.59 A
1
0.1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
0
3
5
1
2
Single Pulse Power
Time (sec)
4
1
100
600
10
10-1
10-2
10-3
10-3
10-2
1
10
600
10-1
10-4
100
-0.6
-0.4
-0.2
-0.0
0.2
0.4
-50
-25
0
25
50
75
100
125
150
ID = 250 mA
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Threshold Voltage
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA =400_C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Numéro de pièce similaire - SI1539DL

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1539DL VISHAY-SI1539DL Datasheet
67Kb / 7P
   Complementary 30-V (D-S) MOSFET
Rev. B, 12-Aug-02
SI1539DL VISHAY-SI1539DL Datasheet
127Kb / 8P
   Complementary 30 V (G-S) MOSFET
01-Jan-2022
SI1539DL VISHAY-SI1539DL_V01 Datasheet
127Kb / 8P
   Complementary 30 V (G-S) MOSFET
01-Jan-2022
More results

Description similaire - SI1539DL

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI5504DC VISHAY-SI5504DC Datasheet
65Kb / 7P
   Complementary 30-V (D-S) MOSFET
Rev. B, 05-Aug-02
SI1539DL VISHAY-SI1539DL Datasheet
67Kb / 7P
   Complementary 30-V (D-S) MOSFET
Rev. B, 12-Aug-02
SI7501DN-T1-E3 VISHAY-SI7501DN-T1-E3 Datasheet
565Kb / 15P
   Complementary 30-V (D-S) MOSFET
Rev. D, 07-Jul-08
SI5504DC VISHAY-SI5504DC_V01 Datasheet
125Kb / 8P
   Complementary 30 V (D-S) MOSFET
18-Jul-08
SI7501DN VISHAY-SI7501DN Datasheet
120Kb / 9P
   Complementary 30-V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
KI1539DL KEXIN-KI1539DL Datasheet
55Kb / 2P
   Complementary 30-V (D-S) MOSFET
KI5504DC KEXIN-KI5504DC Datasheet
70Kb / 2P
   Complementary 30-V (D-S) MOSFET
logo
Vishay Siliconix
72173 VISHAY-72173 Datasheet
87Kb / 8P
   Complementary 30-V (D-S) MOSFET
Rev. B, 24-Nov-03
SI1539DL VISHAY-SI1539DL_V01 Datasheet
127Kb / 8P
   Complementary 30 V (G-S) MOSFET
01-Jan-2022
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com