Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1499DH Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI1499DH
Description  P-Channel 1.2-V (G-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1499DH Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI1499DH_08 Datasheet HTML 1Page - Vishay Siliconix SI1499DH_08 Datasheet HTML 2Page - Vishay Siliconix SI1499DH_08 Datasheet HTML 3Page - Vishay Siliconix SI1499DH_08 Datasheet HTML 4Page - Vishay Siliconix SI1499DH_08 Datasheet HTML 5Page - Vishay Siliconix SI1499DH_08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 73338
S-80579-Rev. E, 17-Mar-08
Vishay Siliconix
Si1499DH
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 8
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
- 9
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 2.2
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.35
- 0.8
V
VDS = VGS, ID = ± 5 mA
- 0.55
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 5 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 8 V, VGS = 0 V
- 1
µA
VDS = - 8 V, VGS = 0 V, TJ = 55 °C
- 10
On-State Drain Currenta
ID(on)
VDS ≤ 5 V, VGS = - 4.5 V
- 6.5
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 2.0 A
0.0622
0.078
Ω
VGS = - 2.5 V, ID = - 1.9 A
0.078
0.095
VGS = - 1.8 V, ID = - 0.8 A
0.094
0.115
VGS = - 1.5 V, ID = - 0.5 A
0.118
0.153
VGS = - 1.2 V, ID = - 0.100 A
0.424
Forward Transconductancea
gfs
VDS = - 4 V, ID = - 2.0 A
8S
Dynamicb
Input Capacitance
Ciss
VDS = - 4 V, VGS = 0 V, f = 1 MHz
650
pF
Output Capacitance
Coss
220
Reverse Transfer Capacitance
Crss
122
Total Gate Charge
Qg
VDS = - 4 V, VGS = - 4.5 V, ID = - 1.6 A
10.5
16
nC
Gate-Source Charge
Qgs
1.3
Gate-Drain Charge
Qgd
1.9
Gate Resistance
Rg
f = 1 MHz
9.5
Ω
Turn-On Delay Time
td(on)
VDD = - 4 V, RL = 2 Ω
ID ≅ - 2 A, VGEN = - 4.5 V, Rg = 1 Ω
914
ns
Rise Time
tr
40
60
Turn-Off Delay Time
td(off)
50
75
Fall Time
tf
60
90
Turn-On Delay Time
td(on)
VDD = - 4 V, RL = 2 Ω
ID ≅ - 2 A, VGEN = - 8 V, Rg = 1 Ω
815
Rise Time
tr
40
60
Turn-Off Delay Time
td(off)
46
70
Fall Time
tf
60
90
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 1.6
A
Pulse Diode Forward Current
ISM
- 6.5
Body Diode Voltage
VSD
IS = - 2.4 A, VGS = 0 V
- 0.7
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 2.0 A, di/dt = 100 A/µs, TJ = 25 °C
25
38
ns
Body Diode Reverse Recovery Charge
Qrr
711
nC
Reverse Recovery Fall Time
ta
9
ns
Reverse Recovery Rise Time
tb
16


Numéro de pièce similaire - SI1499DH_08

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
SI1499DH-T1-GE3 VBSEMI-SI1499DH-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1499DH VISHAY-SI1499DH_15 Datasheet
245Kb / 12P
   P-Channel 1.2 V (G-S) MOSFET
Rev. F, 05-Apr-10
SI1499DH VISHAY-SI1499DH_V01 Datasheet
252Kb / 11P
   P-Channel 1.2 V (G-S) MOSFET
01-Jan-2022
More results

Description similaire - SI1499DH_08

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIB417EDK VISHAY-SIB417EDK Datasheet
218Kb / 9P
   P-Channel 1.2-V (G-S) MOSFET
Rev. B, 10-Aug-09
SI1499DH VISHAY-SI1499DH Datasheet
106Kb / 6P
   P-Channel 1.2-V (G-S) MOSFET
Rev. C, 09-Oct-06
SI8429DB-T1-E1 VISHAY-SI8429DB-T1-E1 Datasheet
215Kb / 11P
   P-Channel 1.2 V (G-S) MOSFET
Rev.D, 19-Aug-13
SI1499DH VISHAY-SI1499DH_15 Datasheet
245Kb / 12P
   P-Channel 1.2 V (G-S) MOSFET
Rev. F, 05-Apr-10
SIB417DK VISHAY-SIB417DK Datasheet
146Kb / 7P
   P-Channel 1.2-V (G-S) MOSFET
Rev. D, 26-May-08
SIB417AEDK VISHAY-SIB417AEDK Datasheet
238Kb / 9P
   P-Channel 1.2 V (G-S) MOSFET
Rev. A, 01-Oct-12
SI1499DH VISHAY-SI1499DH_V01 Datasheet
252Kb / 11P
   P-Channel 1.2 V (G-S) MOSFET
01-Jan-2022
SI8429DB VISHAY-SI8429DB_V01 Datasheet
240Kb / 10P
   P-Channel 1.2 V (G-S) MOSFET
01-Jan-2022
SIB417EDK VISHAY-SIB417EDK_V01 Datasheet
217Kb / 9P
   P-Channel 1.2-V (G-S) MOSFET
01-Jan-2022
SIB414DK VISHAY-SIB414DK Datasheet
154Kb / 7P
   N-Channel 1.2-V (G-S) MOSFET
Rev. C, 10-Mar-08
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com