Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MCL103A Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce MCL103A
Description  Small Signal Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCL103A Fiches technique(HTML) 2 Page - Vishay Siliconix

  MCL103A Datasheet HTML 1Page - Vishay Siliconix MCL103A Datasheet HTML 2Page - Vishay Siliconix MCL103A Datasheet HTML 3Page - Vishay Siliconix MCL103A Datasheet HTML 4Page - Vishay Siliconix MCL103A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85632
Rev. 1.5, 07-Mar-06
MCL103A / 103B / 103C
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Reverse Breakdown Voltage
IR = 10 µA
MCL103A
V(BR)R
40
V
MCL103B
V(BR)R
30
V
MCL103C
V(BR)R
20
V
Leakage current
VR = 30 V
MCL103A
IR
5µA
VR = 20 V
MCL103B
IR
5µA
VR = 10 V
MCL103C
IR
5µA
Forward voltage drop
IF = 20 mA
VF
370
mV
IF = 200 mA
VF
600
mV
Diode capacitance
VR = 0 V, f = 1 MHz
CD
50
pF
Reverse recovery time
IF = IR = 50 to 200 mA,
recover to 0.1 IR
trr
10
ns
Figure 1. Forward Current vs. Forward Voltage
Figure 2. Forward Current vs. Forward Voltage
0 100 200 300 400 500 600 700 800 900 1000
VF – Forward Voltage (mV)
16765
1000
100
10
1
0.1
0.01
0.001
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
VF – Forward Voltage (V)
16766
Figure 3. Reverse Current vs. Junction Temperature
Figure 4. Diode Capacitance vs. Reverse Voltage
1
10
100
1000
10000
0
204060
80
100 120 140 160
Tj –Junction Temperature (°C)
16767
0
5
10
15
20
25
30
0
5
10
15
20
25
30
VR –Reverse Voltage (V)
16768
f = 1 MHz


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
DL60P TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY DIODES 1  Dc Components
LMSD103A SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES 1  2  Pan Jit International Inc.
SD103A SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES 1  2  Pan Jit International Inc.
MA700 SMALL SIGNAL SCHOTTKY DIODES 1  2  3  Galaxy Semi-Conductor Holdings Limited
LQSD103A SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES 1  2  Pan Jit International Inc.
MA700A SMALL SIGNAL SCHOTTKY DIODES 1  2  3  Galaxy Semi-Conductor Holdings Limited
1N5712 SMALL SIGNAL SCHOTTKY DIODES 1  2  3  Galaxy Semi-Conductor Holdings Limited
SD101A Small Signal Schottky Diodes 1  2  3  4  5  Vishay Siliconix
1N60P SMALL SIGNAL SCHOTTKY DIODES 1  2  Galaxy Semi-Conductor Holdings Limited
BAT41ZFILM Low capacitance small signal Schottky diodes 1  2  3  4  5  More STMicroelectronics

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn