Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAQ34-GS18 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce BAQ34-GS18
Description  Small Signal Switching Diodes, Low Leakage Current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAQ34-GS18 Fiches technique(HTML) 1 Page - Vishay Siliconix

  BAQ34-GS18 Datasheet HTML 1Page - Vishay Siliconix BAQ34-GS18 Datasheet HTML 2Page - Vishay Siliconix BAQ34-GS18 Datasheet HTML 3Page - Vishay Siliconix BAQ34-GS18 Datasheet HTML 4Page - Vishay Siliconix BAQ34-GS18 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAQ33 / 34 / 35
Document Number 85537
Rev. 1.7, 09-Dec-05
Vishay Semiconductors
www.vishay.com
1
94 9371
Small Signal Switching Diodes, Low Leakage Current
Features
• Silicon Planar Diodes
• Very low reverse current
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/
95/EC and WEEE 2002/96/EC
Applications
Protection circuits, time delay circuits, peak follower
circuits, logarithmic amplifiers
Mechanical Data
Case: MiniMELF Glass case (SOD-80)
Weight: approx. 31 mg
Cathode Band Color: Black
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Ordering code
Remarks
BAQ33
VRRM = 40 V
BAQ33-GS18 or BAQ33-GS08
Tape and Reel
BAQ34
VRRM = 70 V
BAQ34-GS18 or BAQ34-GS08
Tape and Reel
BAQ35
VRRM = 140 V
BAQ35-GS18 or BAQ35-GS08
Tape and Reel
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage
BAQ33
VR
30
V
BAQ34
VR
60
V
BAQ35
VR
125
V
Peak forward surge current
tp = 1 µs
IFSM
2A
Forward current
IF
200
mA
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
on PC board
50 mm x 50 mm x 1.6 mm
RthJA
500
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C
e2


Numéro de pièce similaire - BAQ34-GS18

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BAQ34 VISHAY-BAQ34 Datasheet
48Kb / 3P
   Silicon Planar Diodes
Rev. 1.7, 09-Dec-05
BAQ34 VISHAY-BAQ34 Datasheet
59Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.8, 01-Sep-10
BAQ34 VISHAY-BAQ34 Datasheet
85Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
09-Jul-2021
More results

Description similaire - BAQ34-GS18

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BAQ333 VISHAY-BAQ333_06 Datasheet
130Kb / 5P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 2.0, 07-Mar-06
BAQ133 VISHAY-BAQ133_05 Datasheet
129Kb / 5P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.7, 09-Dec-05
BAQ33 VISHAY-BAQ33_12 Datasheet
59Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.8, 01-Sep-10
BAQ133 VISHAY-BAQ133_V01 Datasheet
100Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
09-Jul-2021
BAQ33 VISHAY-BAQ33_V01 Datasheet
85Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
09-Jul-2021
BAQ133 VISHAY-BAQ133 Datasheet
96Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.8, 31-Jul-12
BAQ133 VISHAY-BAQ133_12 Datasheet
175Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.8, 20-Aug-10
BAQ33B VISHAY-BAQ33B Datasheet
77Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.8, 31-Jul-12
BAQ333 VISHAY-BAQ333 Datasheet
80Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 2.1, 01-Aug-12
BAQ333 VISHAY-BAQ333_V01 Datasheet
88Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
09-Jul-2021
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com