Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ILCT6-X007 Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce ILCT6-X007
Description  Optocoupler, Phototransistor Output, Dual Channel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILCT6-X007 Fiches technique(HTML) 5 Page - Vishay Siliconix

  ILCT6-X007 Datasheet HTML 1Page - Vishay Siliconix ILCT6-X007 Datasheet HTML 2Page - Vishay Siliconix ILCT6-X007 Datasheet HTML 3Page - Vishay Siliconix ILCT6-X007 Datasheet HTML 4Page - Vishay Siliconix ILCT6-X007 Datasheet HTML 5Page - Vishay Siliconix ILCT6-X007 Datasheet HTML 6Page - Vishay Siliconix ILCT6-X007 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 83645
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 20-Dec-07
5
ILCT6/MCT6
Optocoupler, Phototransistor Output,
Dual Channel
Vishay Semiconductors
PACKAGE DIMENSIONS in inches (millimeters)
i178006
Pin one ID
0.255 (6.48)
0.268 (6.81)
0.379 (9.63)
0.390 (9.91)
0.030 (0.76)
0.045 (1.14)
4° typ.
0.100 (2.54) typ.
10°
3° to 9°
0.300 (7.62)
typ.
0.018 (0.46)
0.022 (0.56)
0.008 (0.20)
0.012 (0.30)
0.110 (2.79)
0.130 (3.30)
0.130 (3.30)
0.150 (3.81)
0.020 (0.51)
0.035 (0.89)
0.230 (5.84)
0.250 (6.35)
4
3
2
1
0.031 (0.79)
0.050 (1.27)
5
6
7
8
ISO method A
0.315 (8.0)
min.
0.300 (7.62)
typ.
0.180 (4.6)
0.160 (4.1)
0.331 (8.4)
min.
0.406 (10.3)
max.
0.028 (0.7)
min.
Option 7
18494
min.
0.315 (8.00)
0.020 (0.51)
0.040 (1.02)
0.300 (7.62)
ref.
0.375 (9.53)
0.395 (10.03)
0.012 (0.30) typ.
0.0040 (0.102)
0.0098 (0.249)
15° max.
Option 9


Numéro de pièce similaire - ILCT6-X007

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
ILCT6-X007 VISHAY-ILCT6-X007 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
More results

Description similaire - ILCT6-X007

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
ILCT6 VISHAY-ILCT6 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
MCT6H VISHAY-MCT6H_04 Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILD610 VISHAY-ILD610 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
ILD610 VISHAY-ILD610_08 Datasheet
124Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.8, 09-Jan-08
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
TCET1200 VISHAY-TCET1200 Datasheet
273Kb / 10P
   Optocoupler, Phototransistor Output (Single, Dual Channel)
Rev. 1.5, 26-Oct-04
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com