Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

180RKI40PBF Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce 180RKI40PBF
Description  Phase Control Thyristors (Stud Version), 180 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

180RKI40PBF Fiches technique(HTML) 4 Page - Vishay Siliconix

  180RKI40PBF Datasheet HTML 1Page - Vishay Siliconix 180RKI40PBF Datasheet HTML 2Page - Vishay Siliconix 180RKI40PBF Datasheet HTML 3Page - Vishay Siliconix 180RKI40PBF Datasheet HTML 4Page - Vishay Siliconix 180RKI40PBF Datasheet HTML 5Page - Vishay Siliconix 180RKI40PBF Datasheet HTML 6Page - Vishay Siliconix 180RKI40PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94382
4
Revision: 11-Aug-08
180RKI...PbF /181RKI...PbF Series
Vishay High Power Products Phase Control Thyristors
(Stud Version), 180 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
70
80
90
100
110
120
130
0
20 40 60 80 100 120 140 160 180 200
30°
60°
90°
120° 180°
Average On-state Current (A)
Cond uc tion Angle
181RKI Series
R
thJC (DC) = 0.15 K/W
70
80
90
100
110
120
130
0
50
100
150
200
250
300
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduc tion Period
181RKI Series
R
(DC) = 0.15 K/ W
thJC
0
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.6
K/W
0.8
K/ W
1 K/
W
1.5K
/ W
2 K/W
0
20
40
60
80
100
120
140
160
180
200
220
240
0
20
406080 100 120 140 160 180
180°
120°
90°
60°
30°
RMSLimit
Conduc tion Angle
Average On-state Current (A)
181RKI Series
T = 125°C
J
0
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.2
K/
W
0.3
K/W
0.6
K/ W
0.8
K/ W
1 K/W
1.5 K/W
2 K/ W
0
50
100
150
200
250
300
350
0
50
100
150
200
250
300
DC
180°
120°
90°
60°
30°
RMSLimit
Cond uc tion Period
Average On-state Current (A)
181RKI Series
T = 125°C
J


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
80RIA40PBF Phase Control Thyristors Stud Version 80 A 1  2  3  4  5  More Vishay Siliconix
111RKI PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
110RKI40PBF Phase Control Thyristors Stud Version 110 A 1  2  3  4  5  More Vishay Siliconix
80RIA PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
110RKI40 Phase Control Thyristors Stud Version 110 A 1  2  3  4  5  More Vishay Siliconix
A5N:1000.22H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:1400.16 Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
10RIA Medium Power Thyristors Stud Version 10 A 1  2  3  4  5  More Vishay Siliconix
A1N:16.02J Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:1500.02H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn