Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

180RKI40PBF Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce 180RKI40PBF
Description  Phase Control Thyristors (Stud Version), 180 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

180RKI40PBF Fiches technique(HTML) 1 Page - Vishay Siliconix

  180RKI40PBF Datasheet HTML 1Page - Vishay Siliconix 180RKI40PBF Datasheet HTML 2Page - Vishay Siliconix 180RKI40PBF Datasheet HTML 3Page - Vishay Siliconix 180RKI40PBF Datasheet HTML 4Page - Vishay Siliconix 180RKI40PBF Datasheet HTML 5Page - Vishay Siliconix 180RKI40PBF Datasheet HTML 6Page - Vishay Siliconix 180RKI40PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94382
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
1
Phase Control Thyristors
(Stud Version), 180 A
180RKI...PbF /181RKI...PbF Series
Vishay High Power Products
FEATURES
• Hermetic glass-metal seal
• International standard case TO-209AB ( TO-93)
•RoHS complaint
• Lead (Pb)-free
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
• DC motor controls
• Controlled DC power supplies
• AC controllers
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IT(AV)
180 A
TO-209AB (TO-93)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
180
A
TC
80
°C
IT(RMS)
285
A
ITSM
50 Hz
3800
60 Hz
4000
I2t
50 Hz
72
kA2s
60 Hz
66
VDRM/VRRM
400 to 1000
V
tq
Typical
100
µs
TJ
- 40 to 125
°C
VOLTAGE RATINGS
PART NUMBER
VOLTAGE
CODE
VDRM/VRRM, MAXIMUM REPETITIVE
PEAK AND OFF-STATE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK VOLTAGE
V
IDRM/IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
180/181RKI
40
400
500
30
80
800
900
100
1000
1100


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
80RIA40PBF Phase Control Thyristors Stud Version 80 A 1  2  3  4  5  More Vishay Siliconix
111RKI PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
110RKI40PBF Phase Control Thyristors Stud Version 110 A 1  2  3  4  5  More Vishay Siliconix
80RIA PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
110RKI40 Phase Control Thyristors Stud Version 110 A 1  2  3  4  5  More Vishay Siliconix
A5N:1000.22H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:1400.16 Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
10RIA Medium Power Thyristors Stud Version 10 A 1  2  3  4  5  More Vishay Siliconix
A1N:16.02J Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:1500.02H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn