Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECH8608 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce ECH8608
Description  N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8608 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  ECH8608 Datasheet HTML 1Page - Sanyo Semicon Device ECH8608 Datasheet HTML 2Page - Sanyo Semicon Device ECH8608 Datasheet HTML 3Page - Sanyo Semicon Device ECH8608 Datasheet HTML 4Page - Sanyo Semicon Device ECH8608 Datasheet HTML 5Page - Sanyo Semicon Device ECH8608 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ECH8608
No.8179-1/6
Features
The ECH8608 incorporates an N-channel MOSFET and a P-channel MOSFET that feature low ON-resistance and
ultrahigh-speed switching, thereby enabling high-density mounting.
2.5V drive.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
N-channel
P-channel
Unit
Drain-to-Source Voltage
VDSS
20
--20
V
Gate-to-Source Voltage
VGSS
±10
±10
V
Drain Current (DC)
ID
6
--4
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
40
--40
A
Allowable Power Dissipation
PD
Mounted on a ceramic board (900mm2!0.8mm)1unit
1.3
W
Total Dissipation
PT
Mounted on a ceramic board (900mm2!0.8mm)
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[N-channel]
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0
20
V
Zero-Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0
1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
0.5
1.3
V
Forward Transfer Admittance
yfs
VDS=10V, ID=3A
7
10
S
RDS(on)1
ID=3A, VGS=4V
22
30
m
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=1.5A, VGS=2.5V
30
44
m
Input Capacitance
Ciss
VDS=10V, f=1MHz
780
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
300
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
150
pF
Marking : FA
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN8179
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
11205PE TS IM TB-00001088
ECH8608
N-Channel and P-Channel Silicon MOSFETs
General-Purpose Switching Device
Applications


Numéro de pièce similaire - ECH8608

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ECH8608 ETC-ECH8608 Datasheet
73Kb / 6P
   SWITCHING DEVICE
More results

Description similaire - ECH8608

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
ECH8673 SANYO-ECH8673 Datasheet
441Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
FW344A SANYO-FW344A Datasheet
439Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
ECH8661 SANYO-ECH8661 Datasheet
442Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
ECH8660 SANYO-ECH8660 Datasheet
372Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
ECH8668 SANYO-ECH8668 Datasheet
374Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
MCH6627 SANYO-MCH6627 Datasheet
66Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
CPH6619 SANYO-CPH6619 Datasheet
58Kb / 7P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2606 SANYO-VEC2606 Datasheet
68Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2603 SANYO-VEC2603 Datasheet
71Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2609 SANYO-VEC2609 Datasheet
51Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com