Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

110RKI40 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce 110RKI40
Description  Phase Control Thyristors (Stud Version), 110 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

110RKI40 Fiches technique(HTML) 4 Page - Vishay Siliconix

  110RKI40 Datasheet HTML 1Page - Vishay Siliconix 110RKI40 Datasheet HTML 2Page - Vishay Siliconix 110RKI40 Datasheet HTML 3Page - Vishay Siliconix 110RKI40 Datasheet HTML 4Page - Vishay Siliconix 110RKI40 Datasheet HTML 5Page - Vishay Siliconix 110RKI40 Datasheet HTML 6Page - Vishay Siliconix 110RKI40 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93692
4
Revision: 06-Jun-08
110/111RKI Series
Vishay High Power Products Phase Control Thyristors
(Stud Version), 110 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
80
90
100
110
120
130
140
0
20
406080
100
12
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Angle
111RKI Series
R
(DC) = 0.27 K/W
thJC
70
80
90
100
110
120
130
140
0
20
40
60
80 100 120 140 160 180
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
111RKI Series
R
(DC) = 0.27 K/W
thJC
020
40
60
80
100
120
140
Maximum Allowable Ambient Temperature (°C)
0.8
K/
W
1
K/ W
1.5
K/ W
4 K/ W
5 K/ W
0.6
K/
W
2 K/ W
0
20
40
60
80
100
120
140
160
0
204060
80
100
120
180°
120°
90°
60°
30°
RMS Limit
Conduction Angle
Average On-state Current (A)
111RKI Series
T = 140°C
J
0
20
40
60
80
100
120
140
Maximum Allowable Ambient Temperature (°C)
0.6
K/ W
0.8
K/W
1 K
/ W
1.5
K/ W
2 K/ W
4K/ W
5 K/ W
0
20
40
60
80
100
120
140
160
180
200
220
0
20
40
60
80 100 120 140 160 180
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
111RKI Series
T = 140°C
J


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
110RKI40PBF Phase Control Thyristors Stud Version 110 A 1  2  3  4  5  More Vishay Siliconix
80RIA40PBF Phase Control Thyristors Stud Version 80 A 1  2  3  4  5  More Vishay Siliconix
111RKI PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
80RIA PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
ST380CHPBF PHASE CONTROL THYRISTORS 1  2  3  4  5  More International Rectifier
A5N:350.02H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:600.12H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:650.02H Phase Control Thyristors 1  2  3  4  5  AEGIS SEMICONDUTORES LTDA
10RIA Medium Power Thyristors Stud Version 10 A 1  2  3  4  5  More Vishay Siliconix
A5N:850.12H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn