Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

110RKI40 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce 110RKI40
Description  Phase Control Thyristors (Stud Version), 110 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

110RKI40 Fiches technique(HTML) 2 Page - Vishay Siliconix

  110RKI40 Datasheet HTML 1Page - Vishay Siliconix 110RKI40 Datasheet HTML 2Page - Vishay Siliconix 110RKI40 Datasheet HTML 3Page - Vishay Siliconix 110RKI40 Datasheet HTML 4Page - Vishay Siliconix 110RKI40 Datasheet HTML 5Page - Vishay Siliconix 110RKI40 Datasheet HTML 6Page - Vishay Siliconix 110RKI40 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93692
2
Revision: 06-Jun-08
110/111RKI Series
Vishay High Power Products Phase Control Thyristors
(Stud Version), 110 A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current
at case temperature
IT(AV)
180° conduction, half sine wave
110
A
90
°C
Maximum RMS on-state current
IT(RMS)
DC at 83 °C case temperature
172
A
Maximum peak, one-cycle
non-repetitive surge current
ITSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
2080
A
t = 8.3 ms
2180
t = 10 ms
100 % VRRM
reapplied
1750
t = 8.3 ms
1830
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
21.7
kA2s
t = 8.3 ms
19.8
t = 10 ms
100 % VRRM
reapplied
15.3
t = 8.3 ms
14.0
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
217
kA2
√s
Low level value of threshold voltage
VT(TO)1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ maximum
0.82
V
High level value of threshold voltage
VT(TO)2
(I >
π x I
T(AV)), TJ = TJ maximum
1.02
Low level value of on-state slope resistance
rt1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ maximum
2.16
m
Ω
High level value of on-state slope resistance
rt2
(I >
π x I
T(AV)), TJ = TJ maximum
1.70
Maximum on-state voltage
VTM
Ipk = 350 A, TJ = TJ maximum, tp = 10 ms sine pulse
1.57
V
Maximum holding current
IH
TJ = 25 °C, anode supply 6 V resistive load
200
mA
Typical latching current
IL
400
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum non-repetitive rate of rise
of turned-on current
dI/dt
Gate drive 20 V, 20
Ω, t
r ≤ 1 µs
TJ = TJ maximum, anode voltage ≤ 80 % VDRM
300
A/µs
Typical delay time
td
Gate current 1 A, dIg/dt = 1 A/µs
Vd = 0.67 % VDRM, TJ = 25 °C
1.0
µs
Typical turn-off time
tq
ITM = 50 A, TJ = TJ maximum, dI/dt = - 5 A/µs,
VR = 50 V, dV/dt = 20 V/µs; gate 0 V 25 Ω
110
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum critical rate of rise
of off-state voltage
dV/dt
TJ = TJ maximum linear to 80 % rated VDRM
500
V/µs
Maximum peak reverse and
off-state leakage current
IRRM,
IDRM
TJ = TJ maximum, rated VDRM/VRRM applied
20
mA


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
110RKI40PBF Phase Control Thyristors Stud Version 110 A 1  2  3  4  5  More Vishay Siliconix
80RIA40PBF Phase Control Thyristors Stud Version 80 A 1  2  3  4  5  More Vishay Siliconix
111RKI PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
80RIA PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
ST380CHPBF PHASE CONTROL THYRISTORS 1  2  3  4  5  More International Rectifier
A5N:350.02H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:600.12H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:650.02H Phase Control Thyristors 1  2  3  4  5  AEGIS SEMICONDUTORES LTDA
10RIA Medium Power Thyristors Stud Version 10 A 1  2  3  4  5  More Vishay Siliconix
A5N:850.12H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn