Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

110RKI40 Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce 110RKI40
Description  Phase Control Thyristors (Stud Version), 110 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

110RKI40 Fiches technique(HTML) 5 Page - Vishay Siliconix

  110RKI40 Datasheet HTML 1Page - Vishay Siliconix 110RKI40 Datasheet HTML 2Page - Vishay Siliconix 110RKI40 Datasheet HTML 3Page - Vishay Siliconix 110RKI40 Datasheet HTML 4Page - Vishay Siliconix 110RKI40 Datasheet HTML 5Page - Vishay Siliconix 110RKI40 Datasheet HTML 6Page - Vishay Siliconix 110RKI40 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 93692
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 06-Jun-08
5
110/111RKI Series
Phase Control Thyristors
(Stud Version), 110 A
Vishay High Power Products
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristics
800
1000
1200
1400
1600
1800
2000
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 140°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
111RKI Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
500
1000
1500
2000
2500
0.01
0.1
1
10
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 140°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
111RKI Series
1
10
100
1000
10000
01
2
3
4
5
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 140°C
J
111RKI Series
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
111RKI Series
Steady State Value
R
= 0.27 K/W
(DC Operation)
thJC


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
110RKI40PBF Phase Control Thyristors Stud Version 110 A 1  2  3  4  5  More Vishay Siliconix
80RIA40PBF Phase Control Thyristors Stud Version 80 A 1  2  3  4  5  More Vishay Siliconix
111RKI PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
80RIA PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
ST380CHPBF PHASE CONTROL THYRISTORS 1  2  3  4  5  More International Rectifier
A5N:350.02H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:600.12H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:650.02H Phase Control Thyristors 1  2  3  4  5  AEGIS SEMICONDUTORES LTDA
10RIA Medium Power Thyristors Stud Version 10 A 1  2  3  4  5  More Vishay Siliconix
A5N:850.12H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn