Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM-5812 Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce AM-5812
Description  Amorphous Solar Cell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

AM-5812 Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  AM-5812_08 Datasheet HTML 1Page - Sanyo Semicon Device AM-5812_08 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AM-5812
No.A0058-2/2
Ratings at Ta = 25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Open Circuit Voltage
Voc
SS 50kLx
6.8
V
Short Circuit Current
Isc
SS 50kLx
9.7
mA
SS 50kLx, Vope=4.0V
6.7
mA
SS 50kLx, Vope=4.5V
8.9
mA
Operating Voltage & Operating Current
Iope
AM-1.5, 100mW/cm
2, Vope=4.5V
19.8
mA
SS 50kLx, Vop=5.2V, Iop=8.4mA
44
mW
Maximum Output
(Reference Value)
Pmax
AM-1.5, 100mW/cm
2, Vop=5.2V,
Iop=17.8mA
93
mW
Operating Temperature
Topr
-10 to +60
°C
Storage Temperature
Tstg
-20 to +70
°C
SS: Solar Simulator
PS
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellectual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
This catalog provides information as of July, 2008. Specifications and information herein are subject
to change without notice.


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
AM-5416 Amorphous Solar Cell Amorton 1  2  Sanyo Semicon Device
AM-5812 Amorphous Solar Cell 1  2  Sanyo Semicon Device
AM-2709 Amorphous Solar Cell 1  2  Sanyo Semicon Device
B283 Amorphous Solar Cell 1  2  Sanyo Semicon Device
AM-1816_08 Amorphous Solar Cell Amorton 1  2  Sanyo Semicon Device
AM-1819 Amorphous Solar Cell 1  2  Sanyo Semicon Device
AM-1820 Amorphous Solar Cell 1  2  Sanyo Semicon Device
AM-5308 Amorphous Solar Cell 1  2  Sanyo Semicon Device
AM-1816 Amorphous Solar Cell Amorton 1  2  Sanyo Semicon Device
MAS9011 Solar Cell System Manager 1  2  3  4  5  More Micro Analog systems

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn