Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

110RKI40PBF Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce 110RKI40PBF
Description  Phase Control Thyristors (Stud Version), 110 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

110RKI40PBF Fiches technique(HTML) 4 Page - Vishay Siliconix

  110RKI40PBF Datasheet HTML 1Page - Vishay Siliconix 110RKI40PBF Datasheet HTML 2Page - Vishay Siliconix 110RKI40PBF Datasheet HTML 3Page - Vishay Siliconix 110RKI40PBF Datasheet HTML 4Page - Vishay Siliconix 110RKI40PBF Datasheet HTML 5Page - Vishay Siliconix 110RKI40PBF Datasheet HTML 6Page - Vishay Siliconix 110RKI40PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94379
4
Revision: 11-Aug-08
110RKI...PbF/111RKI...PbF Series
Vishay High Power Products Phase Control Thyristors
(Stud Version), 110 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
80
90
110
120
130
100
140
Average On-State Current (A)
20
40
60
80
100
120
0
30°
60°
90°
120°
180°
111RKI Series
R
thJC (DC) = 0.27 K/W
Ø
Conduction angle
70
100
110
120
90
80
130
140
Average On-State Current (A)
40
20
60
80
160 180
100
120 140
0
DC
30°
60°
90°
120°
180°
111RKI Series
R
thJC (DC) = 0.27 K/W
Ø
Conduction period
0
20
40
60
80
100
120
140
160
Average On-State Current (A)
40
20
60
80
100
120
0
180°
120°
90°
60°
30°
RMS limit
111RKI Series
T
J = 140 °C
Ø
Conduction angle
0
20
40
60
80
100
120
140
160
Maximum Allowable
Ambient Temperature (°C)
40
20
60
80
100
140
120
0
1.5
K/W
4 K/W
5 K/W
0.6
K/W
0.8
K/W
1 K/W
2 K/W
0.6
K/W
0.8
K/W
1 K/W
1.5
K/W
2 K/W
4 K/W
5 K/W
Maximum Allowable
Ambient Temperature (°C)
40
20
60
80
100
120
140
0
20
40
60
80
100
120
140
180
200
220
0
160
DC
180°
120°
90°
60°
30°
RMS limit
111RKI Series
T
J = 140 °C
Ø
Conduction period
20
40
60
80
100
120
140
180
200
220
0
160
Average On-State Current (A)
40
20
60
80
100 120 140 160 180
0


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
80RIA40PBF Phase Control Thyristors Stud Version 80 A 1  2  3  4  5  More Vishay Siliconix
111RKI PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
80RIA PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
A5N:600.12H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:650.02H Phase Control Thyristors 1  2  3  4  5  AEGIS SEMICONDUTORES LTDA
10RIA Medium Power Thyristors Stud Version 10 A 1  2  3  4  5  More Vishay Siliconix
A5N:850.12H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
16RIA Medium Power Thyristors Stud Version 16 A 1  2  3  4  5  More Vishay Siliconix
A5N:900.02H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
22RIA Medium Power Thyristors Stud Version 22 A 1  2  3  4  5  More Vishay Siliconix

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn