Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

110RKI40PBF Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce 110RKI40PBF
Description  Phase Control Thyristors (Stud Version), 110 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

110RKI40PBF Fiches technique(HTML) 1 Page - Vishay Siliconix

  110RKI40PBF Datasheet HTML 1Page - Vishay Siliconix 110RKI40PBF Datasheet HTML 2Page - Vishay Siliconix 110RKI40PBF Datasheet HTML 3Page - Vishay Siliconix 110RKI40PBF Datasheet HTML 4Page - Vishay Siliconix 110RKI40PBF Datasheet HTML 5Page - Vishay Siliconix 110RKI40PBF Datasheet HTML 6Page - Vishay Siliconix 110RKI40PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94379
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
1
Phase Control Thyristors
(Stud Version), 110 A
110RKI...PbF/111RKI...PbF Series
Vishay High Power Products
FEATURES
• High current and high surge ratings
• Hermetic ceramic housing
• RoHS compliant
• Lead (Pb)-free
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
• DC motor controls
• Controlled DC power supplies
• AC controllers
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IT(AV)
110 A
TO-209AC (TO-94)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
110
A
TC
90
°C
IT(RMS)
172
A
ITSM
50 Hz
2080
60 Hz
2180
I2t
50 Hz
21.7
kA2s
60 Hz
19.8
VDRM/VRRM
400 to 1200
V
tq
Typical
110
µs
TJ
- 40 to 140
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VDRM/VRRM, MAXIMUM
REPETITIVE PEAK AND
OFF-STATE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK VOLTAGE
V
IDRM/IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
110RKI
111RKI
40
400
500
20
80
800
900
120
1200
1300


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
80RIA40PBF Phase Control Thyristors Stud Version 80 A 1  2  3  4  5  More Vishay Siliconix
111RKI PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
80RIA PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
A5N:600.12H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:650.02H Phase Control Thyristors 1  2  3  4  5  AEGIS SEMICONDUTORES LTDA
10RIA Medium Power Thyristors Stud Version 10 A 1  2  3  4  5  More Vishay Siliconix
A5N:850.12H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
16RIA Medium Power Thyristors Stud Version 16 A 1  2  3  4  5  More Vishay Siliconix
A5N:900.02H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
22RIA Medium Power Thyristors Stud Version 22 A 1  2  3  4  5  More Vishay Siliconix

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn