Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM-1816 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce AM-1816
Description  Amorphous Solar Cell Amorton
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

AM-1816 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  AM-1816_08 Datasheet HTML 1Page - Sanyo Semicon Device AM-1816_08 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
70908HKIM/D1505HKIM No.A0029-1/2
AM-1816
Package Dimensions (unit : mm)
Note: Glass Substrate Thickness
: 1.1mm
Module Thickness
: 1.3mm max
Accepts normal soldering for bending.
Ordering number : ENA0029A
Glass Juts(4 Corners)
Width : 0.6MAX, Length : 6.0MAX
Overcoat Side
Light Receiving Side
3.5
±0.3
96.7
±0.3
94.7
±0.2
Electrode
Electrode
Effective Area
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
AM-5416 Amorphous Solar Cell Amorton 1  2  Sanyo Semicon Device
AM-1816 Amorphous Solar Cell Amorton 1  2  Sanyo Semicon Device
AM-5812 Amorphous Solar Cell 1  2  Sanyo Semicon Device
AM-2709 Amorphous Solar Cell 1  2  Sanyo Semicon Device
B283 Amorphous Solar Cell 1  2  Sanyo Semicon Device
MAS9011 Solar Cell System Manager 1  2  3  4  5  More Micro Analog systems
ZXLD383 Single or multi cell LED driver with enable/rectifier input for solar charged lamp applications 1  2  3  4  5  More Zetex Semiconductors
LNK501P_1 2.2W Cell Phone Charger 1  2  3  4  5  More Power Integrations, Inc.
PS810 Li Ion Single Cell Fuel Gauge 1  2  3  4  5  More Microchip Technology
AS1323 1.6uA Quiescent Current Single Cell DC-DC Step-Up Converter 1  2  3  4  5  More ams AG

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn