Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

55GN01CA Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce 55GN01CA
Description  NPN Epitaxial Planar Silicon Transistor UHF Wide-band Low-noise Amplifier Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

55GN01CA Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  55GN01CA Datasheet HTML 1Page - Sanyo Semicon Device 55GN01CA Datasheet HTML 2Page - Sanyo Semicon Device 55GN01CA Datasheet HTML 3Page - Sanyo Semicon Device 55GN01CA Datasheet HTML 4Page - Sanyo Semicon Device 55GN01CA Datasheet HTML 5Page - Sanyo Semicon Device 55GN01CA Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
55GN01CA
No. A1111-1/6
Features
High cutoff frequency : fT= 5.5GHz typ.
High gain
:
⏐S21e⏐
2=9.5dB typ (f=1GHz).
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
10
V
Emitter-to-Base Voltage
VEBO
3V
Collector Current
IC
70
mA
Collector Dissipation
PC
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=10V, IE=0A
0.1
μA
Emitter Cutoff Current
IEBO
VEB=2V, IC=0A
1
μA
DC Current Gain
hFE
VCE=5V, IC=10mA
100
180
Gain-Bandwidth Product
fT1VCE=3V, IC=5mA
3.0
4.5
GHz
fT2VCE=5V, IC=20mA
5.5
GHz
Output Capacitance
Cob
VCB=10V, f=1MHz
1.1
1.3
pF
Reverse Transfer Capacitance
Cre
VCB=10V, f=1MHz
0.7
pF
Forward Transfer Gain
⏐S21e⏐
2
VCE=5V, IC=20mA, f=1GHz
6.5
9.5
dB
Noise Figure
NF
VCE=3V, IC=5mA, f=1GHz, ZS=ZL=50Ω
1.9
dB
Marking : ZW
SANYO Semiconductors
DATA SHEET
www.semiconductor-sanyo.com/network
Ordering number : ENA1111
O2908AB MS IM TC-00001675
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
55GN01CA
NPN Epitaxial Planar Silicon Transistor
UHF Wide-band Low-noise
Amplifier Applications


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn