Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7314 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce TDA7314
Description  DIGITAL CONTROLLED AUDIO PROCESSOR WITH LOUDNESS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7314 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button TDA7314 Datasheet HTML 4Page - STMicroelectronics TDA7314 Datasheet HTML 5Page - STMicroelectronics TDA7314 Datasheet HTML 6Page - STMicroelectronics TDA7314 Datasheet HTML 7Page - STMicroelectronics TDA7314 Datasheet HTML 8Page - STMicroelectronics TDA7314 Datasheet HTML 9Page - STMicroelectronics TDA7314 Datasheet HTML 10Page - STMicroelectronics TDA7314 Datasheet HTML 11Page - STMicroelectronics TDA7314 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.08
0.20
A1
0.51
0.020
A2
3.05
3.30
4.57
0.120
0.130
0.180
B
0.36
0.46
0.56
0.0142 0.0181 0.0220
B1
0.76
1.02
1.14
0.030
0.040
0.045
c
0.23
0.25
0.38
0.009
0.0098 0.0150
D
22.61
22.86
23.11
0.890
0.90
0.910
E
7.62
8.64
0.30
0.340
E1
6.10
6.40
6.86
0.240
0.252
0.270
e
1.778
0.070
e1
7.62
0.30
e2
10.92
0.430
e3
1.52
0.060
L
2.54
3.30
3.81
0.10
0.130
0.150
SDIP24 (0.300”)
Stand-off
Be
B1
D
13
12
24
1
e1
c
E1
E
e2
Gage Plane
.015
0,38
e2
e3
E
SDIP24
OUTLINE AND
MECHANICAL DATA
TDA7314
11/12


Numéro de pièce similaire - TDA7314

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Titan Micro El...
TDA7314 TITAN-TDA7314 Datasheet
1Mb / 12P
   Digital Control Audio Processing Circuit
More results

Description similaire - TDA7314

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA7313N STMICROELECTRONICS-TDA7313N Datasheet
130Kb / 14P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
TDA7309 STMICROELECTRONICS-TDA7309 Datasheet
128Kb / 12P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
TDA7309 STMICROELECTRONICS-TDA7309_06 Datasheet
227Kb / 14P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
logo
Silan Microelectronics ...
SC7313 SILAN-SC7313 Datasheet
150Kb / 13P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
logo
STMicroelectronics
TDA7303 STMICROELECTRONICS-TDA7303 Datasheet
276Kb / 20P
   Digital controlled stereo audio processor with loudness
TDA7313 STMICROELECTRONICS-TDA7313 Datasheet
131Kb / 14P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
TDA7315 STMICROELECTRONICS-TDA7315 Datasheet
114Kb / 12P
   DIGITAL CONTROLLED AUDIO PROCESSOR
logo
Samsung semiconductor
S1A0501X01 SAMSUNG-S1A0501X01 Datasheet
177Kb / 18P
   DIGITAL CONTROLLED AUDIO PROCESSOR
logo
STMicroelectronics
TDA7312 STMICROELECTRONICS-TDA7312 Datasheet
116Kb / 13P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
TDA7318 STMICROELECTRONICS-TDA7318 Datasheet
122Kb / 14P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
November 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com