Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4350BCPZ-RL7 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADF4350BCPZ-RL7
Description  Wideband Synthesizer with Integrated VCO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4350BCPZ-RL7 Fiches technique(HTML) 5 Page - Analog Devices

  ADF4350BCPZ-RL7 Datasheet HTML 1Page - Analog Devices ADF4350BCPZ-RL7 Datasheet HTML 2Page - Analog Devices ADF4350BCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADF4350BCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADF4350BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADF4350BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADF4350BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADF4350BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADF4350BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADF4350
Rev. 0 | Page 5 of 28
TIMING CHARACTERISTICS
AVDD = DVDD = VVCO = SDVDD = VP = 3.3 V ± 10%; AGND = DGND = 0 V; 1.8 V and 3 V logic levels used; TA = TMIN to TMAX, unless
otherwise noted.
Table 2.
Parameter
Limit (B Version)
Unit
Test Conditions/Comments
t1
20
ns min
LE setup time
t2
10
ns min
DATA to CLK setup time
t3
10
ns min
DATA to CLK hold time
t4
25
ns min
CLK high duration
t5
25
ns min
CLK low duration
t6
10
ns min
CLK to LE setup time
t7
20
ns min
LE pulse width
CLK
DATA
LE
LE
DB31 (MSB)
DB30
DB1
(CONTROL BIT C2)
DB2
(CONTROL BIT C3)
DB0 (LSB)
(CONTROL BIT C1)
t1
t2
t3
t7
t6
t4
t5
Figure 2. Timing Diagram


Numéro de pièce similaire - ADF4350BCPZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4350BCPZ-RL7 AD-ADF4350BCPZ-RL7 Datasheet
815Kb / 34P
   Wideband Synthesizer with Integrated VCO
More results

Description similaire - ADF4350BCPZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4350 AD-ADF4350_16 Datasheet
815Kb / 34P
   Wideband Synthesizer with Integrated VCO
ADF4351 AD-ADF4351_17 Datasheet
704Kb / 28P
   Wideband Synthesizer with Integrated VCO
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4368 AD-ADF4368 Datasheet
2Mb / 54P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4382A AD-ADF4382A Datasheet
3Mb / 70P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF5355 AD-ADF5355 Datasheet
817Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4355 AD-ADF4355_17 Datasheet
848Kb / 35P
   Microwave Wideband Synthesizer with Integrated VCO
ADF5355 AD-ADF5355_17 Datasheet
795Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com