Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9228BCPZRL7-65 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD9228BCPZRL7-65
Description  Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9228BCPZRL7-65 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD9228BCPZRL7-65 Datasheet HTML 2Page - Analog Devices AD9228BCPZRL7-65 Datasheet HTML 3Page - Analog Devices AD9228BCPZRL7-65 Datasheet HTML 4Page - Analog Devices AD9228BCPZRL7-65 Datasheet HTML 5Page - Analog Devices AD9228BCPZRL7-65 Datasheet HTML 6Page - Analog Devices AD9228BCPZRL7-65 Datasheet HTML 7Page - Analog Devices AD9228BCPZRL7-65 Datasheet HTML 8Page - Analog Devices AD9228BCPZRL7-65 Datasheet HTML 9Page - Analog Devices AD9228BCPZRL7-65 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
AD9228
Rev. B | Page 6 of 52
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 4.
AD9228-40
AD9228-65
Parameter1, 2
Temp
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK3
Maximum Clock Rate
Full
40
65
MSPS
Minimum Clock Rate
Full
10
10
MSPS
Clock Pulse Width High (tEH)
Full
12.5
7.7
ns
Clock Pulse Width Low (tEL)
Full
12.5
7.7
ns
OUTPUT PARAMETERS3
Propagation Delay (tPD)
Full
2.0
2.7
3.5
2.0
2.7
3.5
ns
Rise Time (tR) (20% to 80%)
Full
300
300
ps
Fall Time (tF) (20% to 80%)
Full
300
300
ps
FCO Propagation Delay (tFCO)
Full
2.0
2.7
3.5
2.0
2.7
3.5
ns
DCO Propagation Delay (tCPD)4
Full
tFCO +
(tSAMPLE/24)
tFCO +
(tSAMPLE/24)
ns
DCO to Data Delay (tDATA)4
Full
(tSAMPLE/24) − 300
(tSAMPLE/24)
(tSAMPLE/24) + 300
(tSAMPLE/24) − 300
(tSAMPLE/24)
(tSAMPLE/24) + 300
ps
DCO to FCO Delay (tFRAME)4
Full
(tSAMPLE/24) − 300
(tSAMPLE/24)
(tSAMPLE/24) + 300
(tSAMPLE/24) − 300
(tSAMPLE/24)
(tSAMPLE/24) + 300
ps
Data to Data Skew
(tDATA-MAX − tDATA-MIN)
Full
±50
±150
±50
±150
ps
Wake-Up Time (Standby)
25°C
600
600
ns
Wake-Up Time (Power-Down)
25°C
375
375
μs
Pipeline Latency
Full
8
8
CLK
cycles
APERTURE
Aperture Delay (tA)
25°C
500
500
ps
Aperture Uncertainty (Jitter)
25°C
<1
<1
ps rms
Out-of-Range Recovery Time
25°C
1
2
CLK
cycles
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2 Measured on standard FR-4 material.
3 Can be adjusted via the SPI.
4 tSAMPLE/24 is based on the number of bits divided by 2 because the delays are based on half duty cycles.


Numéro de pièce similaire - AD9228BCPZRL7-65

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9228BCPZRL-40 AD-AD9228BCPZRL-40 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228BCPZRL-65 AD-AD9228BCPZRL-65 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results

Description similaire - AD9228BCPZRL7-65

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9212 AD-AD9212 Datasheet
2Mb / 56P
   Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
AD9219ABCPZ-40 AD-AD9219ABCPZ-40 Datasheet
2Mb / 56P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com