Moteur de recherche de fiches techniques de composants électroniques |
|
LC871HC8A Fiches technique(PDF) 22 Page - Sanyo Semicon Device |
|
LC871HC8A Fiches technique(HTML) 22 Page - Sanyo Semicon Device |
22 / 27 page LC871HC8A/96A No.A1189-22/27 Continued from preceding page. Specification Parameter Symbol Pin/ Remarks Conditions VDD[V] min typ max unit IDDHALT(11) 4.5 to 5.5 31 132 IDDHALT(12) 3.0 to 3.6 9.1 39 HALT mode consumption current (Note 7-1) IDDHALT(13) VDD1 =VDD2 =VDD3 • HALT mode • FmCF=0MHz (oscillation stopped) • FsX'tal=32.768kHz crystal oscillation mode • System clock set to crystal oscillation. (32.768kHz) • Internal RC oscillation stopped • 1/2 frequency division ratio 2.7 to 3.0 6.3 27 IDDHOLD(1) 4.5 to 5.5 0.14 39 IDDHOLD(2) 3.0 to 3.6 0.04 19 HOLD mode consumption current IDDHOLD(3) • HOLD mode • CF1=VDD or open (External clock mode) 2.7 to 3.0 0.04 17 IDDHOLD(4) 4.5 to 5.5 25 115 IDDHOLD(5) 3.0 to 3.6 6.0 32 Timer HOLD mode consumption current IDDHOLD(6) VDD1 • Timer HOLD mode • CF1=VDD or open (External clock mode) • FsX’tal=32.768kHz crystal oscillation mode 2.7 to 3.0 3.7 20 μA Note 7-1: The consumption current value includes none of the currents that flow into the output Tr and internal pull-up resistors USB Characteristics and Timing at Ta = -40°C to +85°C, VSS1 = VSS2 = VSS3 = 0V Specification Parameter Symbol Conditions min typ max unit High level output VOH(USB) • 15kΩ±5% to GND 2.8 3.6 V Low level output VOL(USB) • 1.5kΩ±5% to 3.6V 0.0 0.3 V Output signal crossover voltage VCRS 1.3 2.0 V Differential input sensitivity VDI • ⏐(UHD+)-(UHD-)⏐ 0.2 V Differential input common mode range VCM 0.8 2.5 V High level input VIH(USB) 2.0 V Low level input VIL(USB) 0.8 V USB data rise time tR • RS=33Ω, CL=50pF 4 20 ns USB data fall time tF • RS=33Ω, CL=50pF 4 20 ns |
Numéro de pièce similaire - LC871HC8A |
|
Description similaire - LC871HC8A |