Moteur de recherche de fiches techniques de composants électroniques |
|
TPS79945YZUR Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
TPS79945YZUR Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 30 page www.ti.com Startup V =xV N OUT 10.5 V m RMS V (1) Board Layout Recommendations to Improve Transient Response Internal Current Limit Under-Voltage Lock-Out (UVLO) Shutdown Minimum Load Dropout Voltage TPS799xx SBVS056I – JANUARY 2005 – REVISED NOVEMBER 2007 Noise can be referred to the feedback point (FB pin) such that with CNR = 0.01µF total noise is Fixed voltage versions of the TPS799xx use a approximately given by Equation 1: quick-start circuit to fast-charge the noise reduction capacitor, CNR, if present (see Functional Block Diagrams, Figure 1). This allows the combination of very low output noise and fast start-up times. The NR The TPS79901 adjustable version does not have the pin is high impedance so a low leakage CNR capacitor noise-reduction pin available, so ultra-low noise must be used; most ceramic capacitors are operation is not possible. Noise can be minimized appropriate in this configuration. according to the above recommendations. Note that for fastest startup, VIN should be applied first, then the enable pin (EN) driven high. If EN is PSRR and Noise Performance tied to IN, startup will be somewhat slower. Refer to Figure 25 and Figure 26 in the Typical Characteristics To improve ac performance such as PSRR, output section. The quick-start switch is closed for noise, and transient response, it is recommended that approximately 135 µs. To ensure that C NR is fully the board be designed with separate ground planes charged during the quick-start time, a 0.01 µF or for VIN and VOUT, with each ground plane connected smaller capacitor should be used. only at the GND pin of the device. In addition, the ground connection for the bypass capacitor should connect directly to the GND pin of the device. As with any regulator, increasing the size of the output capacitor will reduce over/undershoot magnitude but increase duration of the transient The TPS799xx internal current limit helps protect the response. In the adjustable version, adding CFB regulator during fault conditions. During current limit, between OUT and FB will improve stability and the output will source a fixed amount of current that is transient response. The transient response of the largely independent of output voltage. For reliable TPS799xx is enhanced by an active pull-down that operation, the device should not be operated in engages when the output overshoots by current limit for extended periods of time. approximately 5% or more when the device is enabled. When enabled, the pull-down device The PMOS pass element in the TPS799xx has a behaves like a 350 Ω resistor to ground. built-in body diode that conducts current when the voltage at OUT exceeds the voltage at IN. This current is not limited, so if extended reverse voltage operation is anticipated, external limiting may be The TPS799xx utilizes an under-voltage lock-out appropriate. circuit to keep the output shut off until internal circuitry is operating properly. The UVLO circuit has a de-glitch feature so that it will typically ignore undershoot transients on the input if they are less The enable pin (EN) is active high and is compatible than 50 µs duration. with standard and low voltage TTL-CMOS levels. When shutdown capability is not required, EN can be connected to IN. The TPS799xx is stable and well-behaved with no output load. To meet the specified accuracy, a minimum load of 500 µA is required. Below 500µA at The TPS799xx uses a PMOS pass transistor to junction temperatures near +125 °C, the output can achieve low dropout. When (VIN – VOUT) is less than drift up enough to cause the output pull-down to turn the dropout voltage (VDO), the PMOS pass device is on. The output pull-down will limit voltage drift to 5% in its linear region of operation and the input-to-output typically but ground current could increase by resistance is the RDS, ON of the PMOS pass element. approximately 50 µA. In typical applications, the Because the PMOS device behaves like a resistor in junction cannot reach high temperatures at light loads dropout, VDO will approximately scale with output since there is no appreciable dissipated power. The current. specified ground current would then be valid at no As with any linear regulator, PSRR and transient load in most applications. response are degraded as (VIN – VOUT) approaches dropout. This effect is shown in Figure 18 through Figure 20 in the Typical Characteristics section. Copyright © 2005–2007, Texas Instruments Incorporated Submit Documentation Feedback 11 |
Numéro de pièce similaire - TPS79945YZUR |
|
Description similaire - TPS79945YZUR |