Moteur de recherche de fiches techniques de composants électroniques |
|
LC87F5M64A Fiches technique(PDF) 8 Page - Sanyo Semicon Device |
|
LC87F5M64A Fiches technique(HTML) 8 Page - Sanyo Semicon Device |
8 / 22 page LC87F5M64A No.A0892-8/22 Continued from preceding page. Pin Name I/O Description Option Port 7 • 4-bit I/O port • I/O specifiable in 1-bit units • Pull-up resistor can be turned on and off in 1-bit units • Shared Pins P70: INT0 input/HOLD reset input/timer 0L capture input/watchdog timer output P71: INT1 input/HOLD reset input/timer 0H capture input P72: INT2 input/HOLD reset input/timer 0 event input/timer 0L capture input/ high speed clock counter input P73: INT3 input (with noise filter)/timer 0 event input/timer 0H capture input AD converter input port: AN8 (P70), AN9 (P71) • Interrupt acknowledge type Rising Falling Rising/ Falling H level L level INT0 INT1 INT2 INT3 enable enable enable enable enable enable enable enable disable disable enable enable enable enable disable disable enable enable disable disable P70 to P73 I/O No Port 8 P80 to P86 I/O • 7-bit I/O port • I/O specifiable in 1-bit units • Shared Pins AD converter input port : AN0 (P80) to AN6 (P86) No PWM2 PWM3 I/O • PWM2 and PWM3 output ports • General-purpose I/O available No Port 3 P30 to P37 I/O • 8-bit I/O port • I/O specifiable in 1-bit units • Pull-up resistor can be turned on and off in 1-bit units • Pin functions P32: UART1 transmit P33: UART1 receive P34: UART2 transmit P35: UART2 receive Yes Port C PC0 to PC7 I/O • 8-bit I/O port • I/O specifiable in 1-bit units • Pull-up resistor can be turned on and off in 1-bit units • Pin functions DBGP0 to DBGP2(PC5 to PC7): On-chip Debugger Yes RES Input Reset pin No XT1 Input • 32.768kHz crystal oscillator input pin • Shared pins General-purpose input port AD converter input port : AN10 Must be connected to VDD1 if not to be used. No XT2 I/O • 32.768kHz crystal oscillator input pin • Shared pins General-purpose I/O port AD converter input port : AN11 Must be set for oscillation and kept open if not to be used. No CF1 Input Ceramic resonator input pin No CF2 Output Ceramic resonator output pin No |
Numéro de pièce similaire - LC87F5M64A |
|
Description similaire - LC87F5M64A |