Moteur de recherche de fiches techniques de composants électroniques |
|
TPS79930YZUR Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
TPS79930YZUR Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 30 page 1 FEATURES DESCRIPTION APPLICATIONS TPS799xxDDC TSOT23-5 (TOPVIEW) OUT NR IN GND EN 1 2 3 5 4 TPS799xxYZU WCSP (TOPVIEW) C3 C1 B2 A3 A1 OUT EN IN GND NR GND TPS79901YZU WCSP (TOPVIEW) OUT EN IN FB C3 C1 B2 A3 A1 TPS79901DDC TSOT23-5 (TOPVIEW) OUT FB IN GND EN 1 2 3 5 4 TPS799xxDRV 2mmx2mmSON-6 (TOPVIEW) IN N/C EN 6 5 4 OUT NR GND 1 2 3 GND TPS79901DRV 2mmx2mmSON-6 (TOPVIEW) IN N/C EN 6 5 4 OUT FB GND 1 2 3 GND TPS799xx SBVS056I – JANUARY 2005 – REVISED NOVEMBER 2007 www.ti.com 200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator 23 • 200mA Low Dropout Regulator with EN The TPS799xx family of low-dropout (LDO) low-power linear regulators offer excellent AC • Low I Q: 40µA performance with very low ground current. High • Multiple Output Voltage Versions Available: power-supply rejection ratio (PSRR), low noise, fast – Fixed Outputs of 1.2V to 4.5V Using start-up, and excellent line and load transient Innovative Factory EEPROM Programming response are provided while consuming a very low 40 µA (typical) ground current. The TPS799xx is – Adjustable Outputs from 1.20V to 6.5V stable with ceramic capacitors and uses an advanced • High PSRR: 66dB at 1kHz BiCMOS fabrication process to yield dropout voltage • Ultra-low Noise: 29.5µV RMS typically 100mV at 200mA output. The TPS799xx uses a precision voltage reference and feedback loop • Fast Start-Up Time: 45µs to achieve overall accuracy of 2% over all load, line, • Stable with a Low-ESR, 2.0µF Typical Output process, and temperature variations. It is fully Capacitance specified from TJ = –40°C to +125°C and is offered in • Excellent Load/Line Transient Response low profile ThinSOT23, Wafer Chip-Scale (WCSP), and 2mm × 2mm SON packages, ideal for wireless • 2% Overall Accuracy (Load/Line/Temp) handsets and WLAN cards. • Very Low Dropout: 100mV • ThinSOT-23, WCSP, and 2mm × 2mm SON-6 Packages • Cellular Phones • Wireless LAN, Bluetooth® • VCOs, RF • Handheld Organizers, PDAs 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 Bluetooth is a registered trademark of Bluetooth SIG, Inc. 3 All other trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2005–2007, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - TPS79930YZUR |
|
Description similaire - TPS79930YZUR |