Moteur de recherche de fiches techniques de composants électroniques |
|
TS5A9411DCKT Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
TS5A9411DCKT Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 21 page PARAMETER MEASUREMENT INFORMATION V+ ICOM r ON + V COM * VNO or VNC I COM W GND Channel ON NC VI NO COM VCOM VI = VIH or VIL VNO VNC + + IN Channel OFF OFF-State Leakage Current VI = VIH or VIL V+ GND NC VI NO COM VCOM VNO VNC + + + IN TS5A9411 www.ti.com ............................................................................................................................................................... SCDS241A – MAY 2008 – REVISED JULY 2008 PARAMETER DESCRIPTION (continued) SYMBOL DESCRIPTION CNC(OFF) Capacitance at the NC port when the corresponding channel (NC to COM) is OFF CNO(OFF) Capacitance at the NO port when the corresponding channel (NO to COM) is OFF CNC(ON) Capacitance at the NC port when the corresponding channel (NC to COM) is ON CNO(ON) Capacitance at the NO port when the corresponding channel (NO to COM) is ON CCOM(ON) Capacitance at the COM port when the corresponding channel (COM to NC or COM to NO) is ON CI Capacitance of control input (IN) OFF isolation of the switch is a measurement OFF-state switch impedance. This is measured in dB in a specific OISO frequency, with the corresponding channel (NC to COM or NO to COM) in the OFF state. Crosstalk is a measurement of unwanted signal coupling from an ON channel to an OFF channel (NC to NO or NO XTALK to NC). This is measured in a specific frequency and in dB. BW Bandwidth of the switch. This is the frequency in which the gain of an ON channel is –3 dB below the DC gain. Total harmonic distortion describes the signal distortion caused by the analog switch. This is defined as the ratio or THD root mean square (RMS) value of the second, third, and higher harmonic to the absolute magnitude of the fundamental harmonic. I+ Static power-supply current with the control (IN) pin at V+ or GND Figure 6. ON-State Resistance (rON) Figure 7. OFF-State Leakage Current (INC(OFF), INC(PWROFF), INO(OFF), INO(PWROFF), ICOM(OFF), ICOM(PWROFF)) Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Link(s): TS5A9411 |
Numéro de pièce similaire - TS5A9411DCKT |
|
Description similaire - TS5A9411DCKT |