Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

10RIA Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce 10RIA
Description  Medium Power Thyristors (Stud Version), 10 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10RIA Fiches technique(HTML) 5 Page - Vishay Siliconix

  10RIA Datasheet HTML 1Page - Vishay Siliconix 10RIA Datasheet HTML 2Page - Vishay Siliconix 10RIA Datasheet HTML 3Page - Vishay Siliconix 10RIA Datasheet HTML 4Page - Vishay Siliconix 10RIA Datasheet HTML 5Page - Vishay Siliconix 10RIA Datasheet HTML 6Page - Vishay Siliconix 10RIA Datasheet HTML 7Page - Vishay Siliconix 10RIA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 93689
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 06-Jun-08
5
10RIA Series
Medium Power Thyristors
(Stud Version), 10 A
Vishay High Power Products
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
0
255075
100
125
Maximum Allowable Ambient Temperature (°C)
10 K/W
7 K/W
5 K
/W
4 K
/W
3
K/W
2
K/W
0
5
10
15
20
25
30
35
02
46
8
10
12
14
16
18
RMS Limit
Conduction Angle
Average On-state Current (A)
180°
120°
90°
60°
30°
10RIA Series
T = 125°C
J
025
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
10 K/W
7 K/W
5 K/W
4 K/W
3 K
/W
2 K
/W
R
=
1K
/W
- D
elta
R
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
10RIA Series
T = 125°C
J
90
100
110
120
130
140
150
160
170
180
190
200
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
10RIA Series
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
RRM
J
80
100
120
140
160
180
200
220
240
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
10RIA Series


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
RJK6014DPP Silicon N Channel MOS FET High Speed Power Switching 1  2  3  4  Renesas Technology Corp
80RIA PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
111RKI PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
NCP1027 High−Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power 1  2  3  4  5  More ON Semiconductor
STF817A PNP MEDIUM POWER TRANSISTOR 1  2  3  4  5  More STMicroelectronics
2SD1664 MEDIUM POWER NPN TRANSISTOR 1  2  3  Unisonic Technologies
2N1483 NPN SILICON MEDIUM POWER TRANSISTOR 1  2  3  Microsemi Corporation
EL1506_05 Medium Power Differential Line Driver 1  2  Intersil Corporation
ZXTP23015CFH_07 15V SOT23 PNP medium power transistor 1  2  3  4  5  More Zetex Semiconductors
ZXTN25020CFH 20V SOT23 NPN medium power transistor 1  2  3  4  5  More Zetex Semiconductors

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn