Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD90N02L Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STD90N02L
Description  N-channel 25V - 0.0052廓 - 60A - DPAK - IPAK STripFET??III Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD90N02L Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STD90N02L Datasheet HTML 6Page - STMicroelectronics STD90N02L Datasheet HTML 7Page - STMicroelectronics STD90N02L Datasheet HTML 8Page - STMicroelectronics STD90N02L Datasheet HTML 9Page - STMicroelectronics STD90N02L Datasheet HTML 10Page - STMicroelectronics STD90N02L Datasheet HTML 11Page - STMicroelectronics STD90N02L Datasheet HTML 12Page - STMicroelectronics STD90N02L Datasheet HTML 13Page - STMicroelectronics STD90N02L Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Buck converter
STD90N02L - STD90N02L-1
10/17
Table 8.
Power losses
High side switch (SW1)
Low side switch (SW2)
Pconduction
Pswitching
Zero voltage switching
Pdiode
recovery
Not applicable
conduction
Not applicable
Pgate(Qg)
PQoss
Table 9.
Power losses parameters
Parameter
Meaning
d
Duty-cycle
Qgsth
Post threshold gate charge
Qgls
Third quadrant gate charge
Pconduction
On state losses
Pswitching
On-off transition losses
Pdiode
Conduction and reverse recovery diode losses
Pgate
Gate driver losses
PQoss
Output capacitance losses
R
DS on
()
I
L
2
•δ
R
DS on
()
I
L
2
1
δ
()
in
Q
gsth SW1
()
Q
gd SW1
()
+
()
f
I
I
-
V
1
in
Q
rr SW2
()
f
V
fSW2
()
I
L
t
deadtime
f
Q
gSW1
()
V
gg
f
Q
gls SW2
()
V
gg
f
V
in
Q
oss SW1
()
f
2
--------------------------------------------------
V
in
Q
oss SW2
()
f
2
--------------------------------------------------


Numéro de pièce similaire - STD90N02L

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
logo
VBsemi Electronics Co.,...
STD90N02L VBSEMI-STD90N02L Datasheet
1,003Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STD90N02L-1 STMICROELECTRONICS-STD90N02L-1 Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
More results

Description similaire - STD90N02L

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD70N02L STMICROELECTRONICS-STD70N02L_07 Datasheet
376Kb / 17P
   N-channel 25V - 0.0068廓 - 60A - DPAK - IPAK STripFET??III Power MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L Datasheet
510Kb / 12P
   N-CHANNEL 24V - 0.0052 ohm - 60A DPAK/IPAK STripFET??III POWER MOSFET
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
   N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD60NH03L STMICROELECTRONICS-STD60NH03L Datasheet
534Kb / 12P
   N-CHANNEL 30V - 0.0075 W - 60A DPAK/IPAK STripFET III POWER MOSFET
STD60NF55L STMICROELECTRONICS-STD60NF55L_06 Datasheet
430Kb / 14P
   N-channel 55V - 0.012廓 - 60A - DPAK/IPAK STripFET??II Power MOSFET
STD90N03L STMICROELECTRONICS-STD90N03L Datasheet
314Kb / 16P
   N-channel 30V - 0.005廓 - 80A - DPAK/IPAK STripFET??III Power MOSFET
STD100NH02L STMICROELECTRONICS-STD100NH02L Datasheet
474Kb / 12P
   N-channel 24V - 0.0042 - 60A - DPAK - IPAK STripFET II Power MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
   N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com