Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SA1011P Datasheet(Fiches technique) 2 Page - Sanyo Semicon Device

Numéro de pièce 2SA1011P
Description  High-Voltage Switching, AF Power Amp,100W Output Predriver Applications
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1011P Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SA1011P Datenblatt HTML 1Page - Sanyo Semicon Device 2SA1011P Datasheet HTML 2Page - Sanyo Semicon Device 2SA1011P Datenblatt HTML 3Page - Sanyo Semicon Device 2SA1011P Datenblatt HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1011P / 2SC2344P
No.8522-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Turn-On Time
ton
See specified Test Circuit.
(0.29)0.15
s
Storage Time
tstg
See specified Test Circuit.
(0.48)0.81
s
Fall Time
tf
See specified Test Circuit.
(0.19)0.48
s
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7507-001
IT02132
IC -- VCE
Collector to Emitter Voltage, VCE -- V
0
--10
--20
--30
--40
--50
0
--0.2
--0.4
--0.8
--0.6
--1.0
0
--0.8
--0.4
--1.2
--2.0
--1.6
--2.4
IT02134
IC -- VBE
Base to Emitter Voltage, VBE -- V
0--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
IT02133
IC -- VCE
Collector to Emitter Voltage, VCE -- V
010
20
304050
0
0.2
0.4
0.8
0.6
1.0
IT02135
Base to Emitter Voltage, VBE -- V
0
1.0
1.2
1.4
0.6
0.8
0.4
0.2
0
1.2
1.6
2.0
2.4
0.8
0.4
IC -- VBE
--1mA
--2mA
--3mA
--4mA
--5mA
--6mA
--7mA
--8mA
IB=0mA
1mA
2mA
3mA
4mA
5mA
6mA
7mA
8mA
IB=0mA
2SA1011P
2SC2344P
2SA1011P
VCE= --5V
2SC2344P
VCE=5V
10.2
5.1
4.5
1.3
3.6
1.2
0.8
0.4
2.55
2.55
12
3
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-220
200VR
1
?
VCC=20V
VBE=--2V
51
?
INPUT
OUTPUT
40
?
1
F1F
PW=20
s
IB1
IB2
IC=10IB1=--10IB2=0.5A
For PNP, minus sign is omitted.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn