Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62290DRVTG4 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62290DRVTG4
Description  1-A Step Down Converter in 2 x 2 SON Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62290DRVTG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS62290DRVTG4 Datasheet HTML 3Page - Texas Instruments TPS62290DRVTG4 Datasheet HTML 4Page - Texas Instruments TPS62290DRVTG4 Datasheet HTML 5Page - Texas Instruments TPS62290DRVTG4 Datasheet HTML 6Page - Texas Instruments TPS62290DRVTG4 Datasheet HTML 7Page - Texas Instruments TPS62290DRVTG4 Datasheet HTML 8Page - Texas Instruments TPS62290DRVTG4 Datasheet HTML 9Page - Texas Instruments TPS62290DRVTG4 Datasheet HTML 10Page - Texas Instruments TPS62290DRVTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.ti.com
1.746
1.764
1.782
1.8
1.818
1.836
1.854
0.01
0.1
1
10
100
1000
V
=2.7V, T
=-40°C
IN
A
V
=2.7V,
T
=85°C
IN
A
V
=3.6V,
T
=85°C
IN
A
V
=4.5V,
T
=85°C
IN
A
V
=2.7V,
T
=25°C
IN
A
V
=3.6V,
T
=25°C
IN
A
V
=4.5V,
T
=25°C
IN
A
V
=4.5V, T
=-40°C
IN
A
V
=3.6V, T
=-40°C
IN
A
I
-OutputCurrent-mA
O
MODE=V ,
L =2.2 H
IN
m
1.78
1.80
1.82
1.84
1.86
1.88
1.90
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
PFMMode,VoltagePositioningOn
PWMMode
V =4.5V, T =-40°C
I
A
V =3.6V, T =-40°C
I
A
V =2.7V, T =-40°C
I
A
V =4.5V, T =85°C
I
A
V =3.6V, T =85°C
I
A
V =2.7V, T =85°C
I
A
V =4.5V, T =25°C
I
A
V =3.6V, T =25°C
I
A
V =2.7V, T =25°C
I
A
MODE=GND,
L =2.2 H
m
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V
=3.3V,
MODE=V ,
L =2.2 H
O
I
m
T =25°C
A
T =-40°C
A
T =85°C
A
V =3.7V,4.2V,4.5V
I
3.25
3.30
3.35
3.40
3.45
3.50
0.01
0.1
1
10
100
1000
I
-OutputCurrent- mA
O
PFMMode,VoltagePositioningOn
PWMMode
V =4.5V,T =-40°C
I
A
V =4.5V,T =25°C
I
A
V =4.2V,T =-40°C
I
A
V =4.5V,T =85°C
I
A
V =4.2V,T =85°C
I
A
V =4.2V,T =25°C
I
A
Mode=GND,
L =2.2 H
m
TPS62290, TPS62291, TPS62293
SLVS764C – JUNE 2007 – REVISED MARCH 2008
OUTPUT VOLTAGE ACCURACY
OUTPUT VOLTAGE ACCURACY
(1.8V FORCED PWM MODE)
(1.8V POWER SAVE MODE)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 5.
Figure 6.
OUTPUT VOLTAGE ACCURACY
OUTPUT VOLTAGE ACCURACY
3.3V FORCED PWM MODE
3.3V POWER SAVE MODE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62290 TPS62291 TPS62293


Numéro de pièce similaire - TPS62290DRVTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62290DRVTG4 TI-TPS62290DRVTG4 Datasheet
755Kb / 23P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290DRVTG4 TI-TPS62290DRVTG4 Datasheet
986Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290DRVTG4 TI1-TPS62290DRVTG4 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62290DRVTG4 TI1-TPS62290DRVTG4 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
More results

Description similaire - TPS62290DRVTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1 Datasheet
995Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62290 TI1-TPS62290_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590 TI1-TPS62590 Datasheet
637Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62290 TI1-TPS62290_17 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62590DRVR TI1-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com