Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62290 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPS62290
Description  1-A Step Down Converter in 2 x 2 SON Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62290 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS62290_1 Datasheet HTML 1Page - Texas Instruments TPS62290_1 Datasheet HTML 2Page - Texas Instruments TPS62290_1 Datasheet HTML 3Page - Texas Instruments TPS62290_1 Datasheet HTML 4Page - Texas Instruments TPS62290_1 Datasheet HTML 5Page - Texas Instruments TPS62290_1 Datasheet HTML 6Page - Texas Instruments TPS62290_1 Datasheet HTML 7Page - Texas Instruments TPS62290_1 Datasheet HTML 8Page - Texas Instruments TPS62290_1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
TPS62290DRV
V
2.7Vto6V
IN
R
360k
1
W
V
1.8V,
1000mA
OUT
R
180k
2
W
VIN
GND
EN
FB
SW
C
10 F
OUT
m
MODE
C
10 F
IN
m
L1
2.2 H
m
C
22pF
1
30
40
50
60
70
80
90
100
0.00001 0.0001
0.001
0.01
0.1
1
I -OutputCurrent- A
O
V =4.2V
IN
V =3.8V
IN
V =5V
IN
V =4.5V
IN
V
=3.3V,
MODE=GND,
L =2.2 H
OUT
m
TPS62290, TPS62291, TPS62293
SLVS764C – JUNE 2007 – REVISED MARCH 2008
www.ti.com
1-A Step Down Converter in 2 x 2 SON Package
• High Efficiency Step Down Converter
• Output Current up to 1000 mA
The
TPS6229x
device
is
a
highly
efficient
synchronous step down dc-dc converter optimized for
• V
IN Range From 2.3 V to 6 V
battery powered portable applications. It provides up
• 2.25 MHz Fixed Frequency Operation
to 1000-mA output current from a single Li-Ion cell.
• Power Save Mode at Light Load Currents
With an input voltage range of 2.3 V to 6 V, the
• Output Voltage Accuracy in PWM mode ±1.5%
device supports batteries with extended voltage
• Fixed Output Voltage Options
range and are ideal to power portable applications
like mobile phones and other portable equipment.
• Typ. 15-µA Quiescent Current
The TPS6229x operates at 2.25-MHz fixed switching
• 100% Duty Cycle for Lowest Dropout
frequency and enters Power Save Mode operation at
• Voltage Positioning at Light Loads
light load currents to maintain high efficiency over the
• Available in a 2 × 2 × 0,8 mm SON Package
entire load current range.
The Power Save Mode is optimized for low output
voltage ripple. For low noise applications, the device
• Cell Phones, Smart-phones
can be forced into fixed frequency PWM mode by
• WLAN
pulling the MODE pin high. In the shutdown mode,
• PDAs, Pocket PCs
the current consumption is reduced to less than 1
µA.
The TPS6229x allows the use of small inductors and
• Low Power DSP Supply
capacitors to achieve a small solution size.
• Portable Media Players
The TPS6229x is available in a 2-mm
× 2-mm 6-pin
• POL
SON package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS62290_1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62290 TI-TPS62290_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS6229x 1-A Step Down Converter in 2 x 2 DRV Package
TPS62290 TI1-TPS62290_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62290 TI1-TPS62290_17 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
More results

Description similaire - TPS62290_1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1 Datasheet
995Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62290 TI1-TPS62290_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590 TI1-TPS62590 Datasheet
637Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62290 TI1-TPS62290_17 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62590DRVR TI1-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com