Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4493 Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce 1N4493
Description  1.5 WATT ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N4493 Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  1N4493 Datasheet HTML 1Page - Central Semiconductor Corp 1N4493 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
1N4460
THRU
1N4496
1.5 WATT ZENER DIODE
6.2 VOLTS TO 200 VOLTS
5% TOLERANCE
R2 (17-May 2007)
ELECTRICAL CHARACTERISTICS: (TA=25°C)
DO-41 CASE - MECHANICAL OUTLINE
TYPE
ZENER VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
DC
CURRENT
MAXIMUM
SURGE
CURRENT*
ZENER
VOLTAGE
REGULATION
FACTOR**
∆VZ
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZT @ IZK
IR @ VR
IZM
IS
V
V
V
mA
mA
µA
V
mA
A
V
1N4481
44.65
47
49.35
5.5
50
1000
0.25
0.05
37.6
30
0.45
2.1
1N4482
48.45
51
53.55
5.0
60
1100
0.25
0.05
40.8
28
0.42
2.3
1N4483
53.20
56
58.80
4.5
70
1300
0.25
0.05
44.8
26
0.39
2.5
1N4484
58.90
62
65.10
4.0
80
1500
0.25
0.05
49.6
23
0.35
2.7
1N4485
64.60
68
71.40
3.7
100
1700
0.25
0.05
54.4
21
0.32
3.0
1N4486
71.25
75
78.75
3.3
130
2000
0.25
0.05
60.0
19
0.29
3.3
1N4487
77.90
82
86.10
3.0
160
2500
0.25
0.05
65.6
17
0.26
3.6
1N4488
86.45
91
95.55
2.8
200
3000
0.25
0.05
72.8
16
0.23
4.0
1N4489
95.00
100
105.0
2.5
250
3100
0.25
0.05
80.0
14
0.20
4.4
1N4490
104.5
110
115.5
2.3
300
4000
0.25
0.05
88.0
13
0.19
5.0
1N4491
114.0
120
126.0
2.0
400
4500
0.25
0.05
96.0
12
0.18
5.5
1N4492
123.5
130
136.5
1.9
500
5000
0.25
0.05
104
11
0.16
6.0
1N4493
142.5
150
157.5
1.7
700
6000
0.25
0.05
120
9.5
0.14
7.0
1N4494
152.0
160
168.0
1.6
1000
6500
0.25
0.05
128
8.9
0.12
8.0
1N4495
171.0
180
189.0
1.4
1300
7000
0.25
0.05
144
7.9
0.10
10.0
1N4496
190.0
200
210.0
1.2
1500
8000
0.25
0.05
160
7.2
0.08
12.0


Numéro de pièce similaire - 1N4493

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N4493 MICROSEMI-1N4493 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
logo
Sensitron
1N4493 SENSITRON-1N4493 Datasheet
114Kb / 3P
   Zener 1.5W DIODE
logo
Semtech Corporation
1N4493 SEMTECH-1N4493 Datasheet
42Kb / 3P
   Axial Leaded, Hermetically Sealed, 1.5 WATT Voltage Regulators
logo
EIC discrete Semiconduc...
1N4493 EIC-1N4493 Datasheet
108Kb / 2P
   SILICON ZENER DIODES
logo
Sensitron
1N4493 SENSITRON-1N4493 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
More results

Description similaire - 1N4493

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
1N5921B FRONTIER-1N5921B Datasheet
127Kb / 2P
   1.5 WATT SILICON ZENER DIODE
1N5921B-LFR FRONTIER-1N5921B-LFR Datasheet
127Kb / 2P
   1.5 WATT SILICON ZENER DIODE
logo
Micro Commercial Compon...
1N5913BP MCC-1N5913BP_18 Datasheet
513Kb / 5P
   1.5 Watt Zener Diode 3.3to 4.7 Volts
1N5913BP MCC-1N5913BP_13 Datasheet
509Kb / 5P
   1.5 Watt Zener Diode 3.3to 200 Volts
logo
Microsemi Corporation
1N6485 MICROSEMI-1N6485 Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
JANS1N6490US MICROSEMI-JANS1N6490US Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
1N6485 CDI-DIODE-1N6485 Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
logo
Micro Commercial Compon...
1N5926B MCC-1N5926B Datasheet
124Kb / 4P
   1.5 Watt Zener Diode 11 to 200 Volts
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460_10 Datasheet
185Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED 1.5 WATT GLASS ZENER DIODE
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com