Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54231 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54231
Description  2A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54231 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS54231 Datasheet HTML 4Page - Texas Instruments TPS54231 Datasheet HTML 5Page - Texas Instruments TPS54231 Datasheet HTML 6Page - Texas Instruments TPS54231 Datasheet HTML 7Page - Texas Instruments TPS54231 Datasheet HTML 8Page - Texas Instruments TPS54231 Datasheet HTML 9Page - Texas Instruments TPS54231 Datasheet HTML 10Page - Texas Instruments TPS54231 Datasheet HTML 11Page - Texas Instruments TPS54231 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ENABLE AND ADJUSTABLE INPUT UNDER-VOLTAGE LOCKOUT (VIN UVLO)
EN
1.25V
VIN
+
-
Ren1
Ren2
1
A
m
3
A
m
START
STOP
V
- V
Ren1 =
3
A
m
(1)
EN
START
EN
V
Ren2 =
V
- V
+ 1
A
Ren1
m
(2)
PROGRAMMABLE SLOW START USING SS PIN
(
)
( )
( )
(
)
SS
ref
SS
SS
C
nF
V
V
T
ms
=
I
A
´
m
(3)
ERROR AMPLIFIER
SLOPE COMPENSATION
TPS54231
SLUS851 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
The EN pin has an internal pull-up current source that provides the default condition of the TPS54231 operating
when the EN pin floats.
The TPS54231 is disabled when the VIN pin voltage falls below internal VIN UVLO threshold. It is recommended
to use an external VIN UVLO to add Hysteresis unless VIN is greater than (VOUT + 2V). To adjust the VIN
UVLO with Hysteresis, use the external circuitry connected to the EN pin as shown in Figure 12. Once the EN
pin voltage exceeds 1.25 V, an additional 3
µA of hysteresis is added. Use Equation 1 and Equation 2 to
calculate the resistor values needed for the desired VIN UVLO threshold voltages. The VSTART is the input start
threshold voltage, the VSTOP is the input stop threshold voltage and the VEN is the enable threshold voltage of
1.25 V. The VSTOP should always be greater than 3.5 V.
Figure 12. Adjustable Input Under-Voltage Lockout
It is highly recommended to program the slow start time externally because no slow start time is implemented
internally. The TPS54231 effectively uses the lower voltage of the internal voltage reference or the SS pin
voltage as the power supply’s reference voltage fed into the error amplifier and will regulate the output
accordingly. A capacitor (Css) on the SS pin to ground implements a slow start time. The TPS54231 has an
internal pull-up current source of 2
µA that charges the external slow start capacitor. The equation for the slow
start time (10% to 90%) is shown in Equation 3 . The Vref is 0.8V and the Iss current is 2
µA.
The slow start time should be set between 1ms to 10ms to ensure good start-up behavior. The slow start
capacitor should be no more than 27nF.
If during normal operation, the input voltage drops below the VIN UVLO threshold, or the EN pin is pulled below
1.25 V, or a thermal shutdown event occurs, the TPS54231 stops switching.
The TPS54231 has a transconductance amplifier for the error amplifier. The error amplifier compares the
VSENSE voltage to the internal effective voltage reference presented at the input of the error amplifier. The
transconductance of the error amplifier is 92
µA/V during normal operation. Frequency compensation
components are connected between the COMP pin and ground.
In order to prevent the sub-harmonic oscillations when operating the device at duty cycles greater than 50%, the
TPS54231 adds a built-in slope compensation which is a compensating ramp to the switch current signal.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS54231


Numéro de pièce similaire - TPS54231

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54231 TI-TPS54231 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54231 TI1-TPS54231 Datasheet
767Kb / 31P
[Old version datasheet]   2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode
TPS54231D TI1-TPS54231D Datasheet
767Kb / 31P
[Old version datasheet]   2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode
TPS54231DG4 TI1-TPS54231DG4 Datasheet
767Kb / 31P
[Old version datasheet]   2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode
TPS54231DR TI1-TPS54231DR Datasheet
767Kb / 31P
[Old version datasheet]   2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode
More results

Description similaire - TPS54231

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54233 TI-TPS54233 Datasheet
1Mb / 26P
[Old version datasheet]   2A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54331 TI-TPS54331_1 Datasheet
879Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFTM DC/DC CONVERTER WITH ECO-MODTM
TPS54232 TI-TPS54232 Datasheet
945Kb / 24P
[Old version datasheet]   2A, 28V, 1MHz, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54331DDA TI-TPS54331DDA Datasheet
1Mb / 31P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54160 TI-TPS54160 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
TPS54531 TI1-TPS54531 Datasheet
1Mb / 27P
[Old version datasheet]   5A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-mode?
TPS54233 TI-TPS54233_15 Datasheet
841Kb / 29P
[Old version datasheet]   TPS54233 2A, 28V Input, Step Down DC/DC Converter With Eco-mode?
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com