Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51200 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51200
Description  SINK/SOURCE DDR TERMINATION REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS51200 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS51200 Datasheet HTML 3Page - Texas Instruments TPS51200 Datasheet HTML 4Page - Texas Instruments TPS51200 Datasheet HTML 5Page - Texas Instruments TPS51200 Datasheet HTML 6Page - Texas Instruments TPS51200 Datasheet HTML 7Page - Texas Instruments TPS51200 Datasheet HTML 8Page - Texas Instruments TPS51200 Datasheet HTML 9Page - Texas Instruments TPS51200 Datasheet HTML 10Page - Texas Instruments TPS51200 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
www.ti.com
DETAILED DESCRIPTION
VO SINK/SOURCE REGULATOR
REFERENCE INPUT (REFIN)
REFERENCE OUTPUT (REFOUT)
SOFT-START
EN CONTROL (EN)
POWERGOOD FUNCTION (PGOOD)
VO CURRENT PROTECTION
VIN UVLO PROTECTION
TPS51200
SLUS812 – FEBRUARY 2008
The TPS51200 is a sink/source tracking termination regulator specifically designed for low input voltage,
low-cost, and low external component count systems where space is a key application parameter. The
TPS51200 integrates a high-performance, low-dropout (LDO) linear regulator that is capable of both sourcing
and sinking current. The LDO regulator employs a fast feedback loop so that small ceramic capacitors can be
used to support the fast load transient response. To achieve tight regulation with minimum effect of trace
resistance, a remote sensing terminal, VOSNS, should be connected to the positive terminal of the output
capacitor(s) as a separate trace from the high current path from VO.
The output voltage, VO, is regulated to REFOUT. When REFIN is configured for standard DDR termination
applications, REFIN can be set by an external equivalent ratio voltage divider connected to the memory supply
bus (VDDQ). The TPS51200 supports REFIN voltage from 0.5 V to 1.8 V, making it versatile and ideal for many
types of low-power LDO applications.
When it is configured for DDR termination applications, REFOUT generates the DDR VTT reference voltage for
the memory application. It is capable of supporting both a sourcing and sinking load of 10 mA. REFOUT
becomes active when REFIN voltage rises to 0.390 V and VIN is above the UVLO threshold. When REFOUT is
less than 0.375 V, it is disabled and subsequently discharges to GND through an internal 10-k
Ω MOSFET.
REFOUT is independent of the EN pin state.
The soft-start function of the VO pin is achieved via a current clamp. The current clamp allows the output
capacitors to be charged with low and constant current, providing a linear ramp-up of the output voltage. When
VO is outside of the powergood window, the current clamp level is one-half of the full overcurrent limit (OCL)
level. When VO rises or falls within the PGOOD window, the current clamp level switches to the full OCL level.
The soft-start function is completely symmetrical; it works not only from GND to the REFOUT voltage, but also
from VLDOIN to the REFOUT voltage.
When EN is driven high, the TPS51200 VO regulator begins normal operation. When EN is driven low, VO is
discharges to GND through an internal 18-
Ω MOSFET. REFOUT remains on when EN is driven low.
The TPS51200 provides an open-drain PGOOD output that goes high when the VO output is within ±20% of
REFOUT. PGOOD de-asserts within 10
µs after the output exceeds the size of the powergood window. During
initial VO startup, PGOOD asserts high 2 ms (typ) after the VO enters power good window. Because PGOOD is
an open-drain output, a 100-k
Ω, pull-up resistor between PGOOD and a stable active supply voltage rail is
required.
The LDO has a constant overcurrent limit (OCL). Note that the OCL level reduces by one-half when the output
voltage is not within the powergood window. This reduction is a non-latch protection.
For VIN undervoltage lockout (UVLO) protection, the TPS51200 monitors VIN voltage. When the VIN voltage is
lower than the UVLO threshold voltage, both the VO and REFOUT regulators are powered off. This shutdown is
a non-latch protection.
Copyright © 2008, Texas Instruments Incorporated
7
Product Folder Link(s): TPS51200


Numéro de pièce similaire - TPS51200

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51200 TI1-TPS51200 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
951Kb / 36P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
More results

Description similaire - TPS51200

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
951Kb / 36P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7998 EUTECH-EUP7998 Datasheet
214Kb / 2P
   Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
   Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51100 TI-TPS51100_07 Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35