Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

1N1184A Datasheet(Fiches technique) 5 Page - Vishay Siliconix

Numéro de pièce 1N1184A
Description  Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N1184A Datasheet(HTML) 5 Page - Vishay Siliconix

  1N1184A Datenblatt HTML 1Page - Vishay Siliconix 1N1184A Datenblatt HTML 2Page - Vishay Siliconix 1N1184A Datenblatt HTML 3Page - Vishay Siliconix 1N1184A Datenblatt HTML 4Page - Vishay Siliconix 1N1184A Datasheet HTML 5Page - Vishay Siliconix 1N1184A Datenblatt HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93492
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 24-Jun-08
5
1N1183, 1N3765, 1N1183A, 1N2128A Series
Power Silicon Rectifier Diodes,
35 A/40 A/60 A
Vishay High Power Products
Fig. 11 - Maximum Non-Repetitive Surge Current vs.
Number of Current Pulses, 1N2128A Series
Fig. 12 - Maximum Allowable Case Temperature vs.
Average Forward Current, 1N2128A Series
Fig. 13 - Maximum Low Level Forward Power Loss vs.
Average Forward Current, 1N2128A Series
Fig. 14 - Maximum High Level Forward Power Loss vs.
Average Forward Current, 1N2128A Series
Fig. 15 - Maximum Forward Voltage vs. Forward Current,
1N2128A Series
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95360


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
EGL1A_07Surface mount diode Ultrafast silicon rectifier diodes 1 2 Semikron International
1N4001_06Standard silicon rectifier diodes 1 2 Semikron International
BY3060_06Standard silicon rectifier diodes 1 2 Semikron International
S3SMBAStandard silicon rectifier diodes 1 2 Semikron International
BYP5325A Silicon Power Rectifier Diode 1 2 3 4 5 Zetex Semiconductors
US1ASurface mount diode Ultrafast silicon rectifier diodes 1 2 Semikron International
EM513_06Standard silicon rectifier diodes 1 2 Semikron International
BA3060_06Fast silicon rectifier diodes 1 2 Semikron International

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn