Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

1N1184 Datasheet(Fiches technique) 2 Page - Vishay Siliconix

Numéro de pièce 1N1184
Description  Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N1184 Datasheet(HTML) 2 Page - Vishay Siliconix

  1N1184 Datenblatt HTML 1Page - Vishay Siliconix 1N1184 Datasheet HTML 2Page - Vishay Siliconix 1N1184 Datenblatt HTML 3Page - Vishay Siliconix 1N1184 Datenblatt HTML 4Page - Vishay Siliconix 1N1184 Datenblatt HTML 5Page - Vishay Siliconix 1N1184 Datenblatt HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93492
2
Revision: 24-Jun-08
1N1183, 1N3765, 1N1183A, 1N2128A Series
Vishay High Power Products Power Silicon Rectifier Diodes,
35 A/40 A/60 A
Notes
(1) JEDEC registered values
(2) I2t for time tx = I2√t x √tx
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
1N1183
1N3765 1N1183A 1N2128A
UNITS
Maximum average forward current
at case temperature
IF(AV)
1-phase operation,
180° sinusoidal conduction
35 (1)
35 (1)
40 (1)
60 (1)
A
140 (1)
140 (1)
150 (1)
140 (1)
°C
Maximum peak one cycle
non-repetitive surge current
IFSM
Half cycle 50 Hz
sine wave or 6 ms
rectangular pulse
Following any
rated load
condition and
with rated
VRRM applied
480
380
765
860
A
Half cycle 60 Hz
sine wave or 5 ms
rectangular pulse
500 (1)
400 (1)
800 (1)
900 (1)
Half cycle 50 Hz
sine wave or 6 ms
rectangular pulse
Following any
rated load
condition and
with ½ VRRM
applied following
surge = 0
570
455
910
1000
Half cycle 60 Hz
sine wave or 5 ms
rectangular pulse
595
475
950
1050
Maximum I2t for fusing
I2t
t = 10 ms
With rated VRRM
applied following
surge, initial
TJ = TJ maximum
1140
730
2900
3700
A2s
t = 8.3 ms
1040
670
2650
3400
Maximum I2t for individual
device fusing
t = 10 ms
With VRRM = 0
following surge,
initial TJ =
TJ maximum
1610
1030
4150
5250
t = 8.3 ms
1470
940
3750
4750
Maximum I2
√t for individual
device fusing
I2
√t (2)
t = 0.1 to 10 ms,
VRRM = 0 following surge
16 100
10 300
41 500
52 500
A2
√s
Maximum peak forward voltage
at maximum forward current (IFM)
VFM
TJ = 25 °C
1.7 (1)
1.8 (1)
1.3 (1)
1.3 (1)
V
110
110
126
188
A
Maximum average
reverse current
VRRM = 700
IR(AV)
Maximum rated IF(AV) and TC
-5.0 (1)
--
mA
VRRM = 800
-
4.0 (1)
--
VRRM = 900
-
3.0 (1)
--
VRRM = 1000
-
2.0 (1)
--
Maximum rated IF(AV), VRRM and TC
10 (1)
-2.5 (1)
10 (1)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
EGL1A_07Surface mount diode Ultrafast silicon rectifier diodes 1 2 Semikron International
1N4001_06Standard silicon rectifier diodes 1 2 Semikron International
BY3060_06Standard silicon rectifier diodes 1 2 Semikron International
S3SMBAStandard silicon rectifier diodes 1 2 Semikron International
BYP5325A Silicon Power Rectifier Diode 1 2 3 4 5 Zetex Semiconductors
US1ASurface mount diode Ultrafast silicon rectifier diodes 1 2 Semikron International
EM513_06Standard silicon rectifier diodes 1 2 Semikron International
BA3060_06Fast silicon rectifier diodes 1 2 Semikron International

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn