Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STW6NC90Z Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STW6NC90Z
Description  N-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESH?줚II MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW6NC90Z Fiches technique(HTML) 6 Page - STMicroelectronics

  STW6NC90Z Datasheet HTML 1Page - STMicroelectronics STW6NC90Z Datasheet HTML 2Page - STMicroelectronics STW6NC90Z Datasheet HTML 3Page - STMicroelectronics STW6NC90Z Datasheet HTML 4Page - STMicroelectronics STW6NC90Z Datasheet HTML 5Page - STMicroelectronics STW6NC90Z Datasheet HTML 6Page - STMicroelectronics STW6NC90Z Datasheet HTML 7Page - STMicroelectronics STW6NC90Z Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STW6NC90Z
6/8
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times
Fig. 4: Gate Charge test Circuit
Fig. 2: Unclamped Inductive Waveform
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 3: Switching Times Test Circuit For
Resistive Load


Numéro de pièce similaire - STW6NC90Z

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STW6N120K3 STMICROELECTRONICS-STW6N120K3 Datasheet
798Kb / 17P
   N-channel 1200 V, 1.95 Ohm typ., 6 A SuperMESH3 Power MOSFET in TO-3PF, TO-220 and TO-247 packages
STW6N90K5 STMICROELECTRONICS-STW6N90K5 Datasheet
729Kb / 12P
   Switching applications
November 2016 Rev 1
STW6N95K5 STMICROELECTRONICS-STW6N95K5 Datasheet
1Mb / 23P
   N-channel 950 V, 1 廓 typ., 9 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
STW6N95K5 STMICROELECTRONICS-STW6N95K5 Datasheet
1Mb / 23P
   N-channel 950 V, 1 廓 typ., 9 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
logo
Inchange Semiconductor ...
STW6N95K5 ISC-STW6N95K5 Datasheet
344Kb / 2P
   N-Channel Power MOSFET
More results

Description similaire - STW6NC90Z

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STW7NC90Z STMICROELECTRONICS-STW7NC90Z Datasheet
243Kb / 8P
   N-CHANNEL 900V - 1.55ohm - 6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW8NC90Z STMICROELECTRONICS-STW8NC90Z Datasheet
251Kb / 8P
   N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STP5NC90Z STMICROELECTRONICS-STP5NC90Z Datasheet
516Kb / 13P
   N-CHANNEL 900V - 2.1ohm - 4.6A TO-220/FP/D짼PAK/I짼PAK Zener-Protected PowerMESH?줚II MOSFET
STW9NC80Z STMICROELECTRONICS-STW9NC80Z Datasheet
248Kb / 8P
   N-CHANNEL 800V - 0.82ohm - 9.4A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STB3NC90Z STMICROELECTRONICS-STB3NC90Z Datasheet
418Kb / 9P
   N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESH?줚II MOSFET
STW7NC80Z STMICROELECTRONICS-STW7NC80Z Datasheet
248Kb / 8P
   N-CHANNEL 800V - 1.5ohm - 6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW8NC80Z STMICROELECTRONICS-STW8NC80Z Datasheet
263Kb / 8P
   N-CHANNEL 700V - 1.1 ohm - 7A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW10NC70Z STMICROELECTRONICS-STW10NC70Z Datasheet
249Kb / 8P
   N-CHANNEL 700V - 0.58 ohm - 10.6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW8NC70Z STMICROELECTRONICS-STW8NC70Z Datasheet
240Kb / 8P
   N-CHANNEL 700V - 1.1 ohm - 7A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW9NC70Z STMICROELECTRONICS-STW9NC70Z Datasheet
248Kb / 8P
   N-CHANNEL 700V - 0.90 ohm - 7.5A TO-247 Zener-Protected PowerMESH?줚II MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com