Moteur de recherche de fiches techniques de composants électroniques |
|
74LVTH16245ADGVRG4 Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
74LVTH16245ADGVRG4 Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 20 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-9668601QXA ACTIVE CFP WD 48 1 TBD A42 SNPB N / A for Pkg Type 5962-9668601VXA ACTIVE CFP WD 48 1 TBD A42 SNPB N / A for Pkg Type 74LVTH16245ADGGRE4 ACTIVE TSSOP DGG 48 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74LVTH16245ADGGRG4 ACTIVE TSSOP DGG 48 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74LVTH16245ADGVRE4 ACTIVE TVSOP DGV 48 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74LVTH16245ADGVRG4 ACTIVE TVSOP DGV 48 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74LVTH16245ADLG4 ACTIVE SSOP DL 48 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74LVTH16245ADLRG4 ACTIVE SSOP DL 48 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LVTH16245ADGGR ACTIVE TSSOP DGG 48 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LVTH16245ADGVR ACTIVE TVSOP DGV 48 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LVTH16245ADL ACTIVE SSOP DL 48 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LVTH16245ADLR ACTIVE SSOP DL 48 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LVTH16245AGQLR NRND BGA MI CROSTA R JUNI OR GQL 56 1000 TBD SNPB Level-1-240C-UNLIM SN74LVTH16245AGRDR ACTIVE BGA MI CROSTA R JUNI OR GRD 54 1000 TBD SNPB Level-1-240C-UNLIM SN74LVTH16245AZQLR ACTIVE BGA MI CROSTA R JUNI OR ZQL 56 1000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM SN74LVTH16245AZRDR ACTIVE BGA MI CROSTA R JUNI OR ZRD 54 1000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM SNJ54LVTH16245AWD ACTIVE CFP WD 48 1 TBD A42 SNPB N / A for Pkg Type (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements PACKAGE OPTION ADDENDUM www.ti.com 18-Sep-2008 Addendum-Page 1 |
Numéro de pièce similaire - 74LVTH16245ADGVRG4 |
|
Description similaire - 74LVTH16245ADGVRG4 |