Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SN74ABT620DWG4 Datasheet(Fiches technique) 6 Page - Texas Instruments

Numéro de pièce SN74ABT620DWG4
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Télécharger  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

 6 page
background image
SN54ABT620, SN74ABT620
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS113D – FEBRUARY 1991 – REVISED APRIL 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.5 V
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
7 V
Open
GND
500
500
Data Input
Timing Input
1.5 V
3 V
0 V
1.5 V
1.5 V
3 V
0 V
3 V
0 V
1.5 V
1.5 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
Input
1.5 V
Output
Control
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
3.5 V
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH – 0.3 V
[ 0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SN54AHCT245_07OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT651_08OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT640_07OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54BCT640_07OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54AHC245_03OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54HCT245_08OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
HD74HCT620Octal Bus Transceivers with inverted 3-state outputs 1 2 3 4 5 MoreRenesas Technology Corp
SN54HCT645_07OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54HCT245_07OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVTH2245_083.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl