Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS12UMA-5A Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce FS12UMA-5A
Description  MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS12UMA-5A Fiches technique(HTML) 4 Page - Renesas Technology Corp

  FS12UMA-5A Datasheet HTML 1Page - Renesas Technology Corp FS12UMA-5A Datasheet HTML 2Page - Renesas Technology Corp FS12UMA-5A Datasheet HTML 3Page - Renesas Technology Corp FS12UMA-5A Datasheet HTML 4Page - Renesas Technology Corp FS12UMA-5A Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MITSUBISHI Nch POWER MOSFET
FS12UMA-5A
HIGH-SPEED SWITCHING USE
Sep. 2001
ON-STATE VOLTAGE VS.
GATE-SOURCE VOLTAGE
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
ON-STATE RESISTANCE VS.
DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
FORWARD TRANSFER ADMITTANCE
VS. DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
SWITCHING CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
CAPACITANCE VS.
DRAIN-SOURCE VOLTAGE
(TYPICAL)
DRAIN CURRENT ID (A)
0
4
8
12
16
20
048
12
16
20
0
2
4
6
8
10
048
12
16
20
0
0.1
0.2
0.3
0.4
0.5
10–1 2
100
35 7
2
101
35 7
2
102
35 7
101
100
23
5
7
72
3
5 7
101
5
7
102
2
3
5
7
2
3
5
100
35 7
101
3
2
25 7
102
3
22
57
102
101
3
5
7
103
2
2
3
5
7
2
3
5
101
100
23
5
7
72
3
5 7
10–1
100
2
3
5
7
101
2
3
5
7
2
3
VDS = 10V
Pulse Test
TC = 25
°C
Pulse Test
TC = 25
°C
VDS = 10V
Pulse Test
Tch = 25
°C
VGS = 10V
VDD = 150V
RGEN = RGS = 50
td(off)
td(on)
tf
tr
Ciss
Coss
Crss
Tch = 25
°C
VGS = 0V
f = 1MHz
TC = 25
°C
Pulse Test
TC = 25
°C,75°C,125°C
VGS = 10V, 20V
ID = 24A
6A
12A
18A


Numéro de pièce similaire - FS12UMA-5A

FabricantNo de pièceFiches techniqueDescription
logo
Powerex Power Semicondu...
FS12UMA-5A POWEREX-FS12UMA-5A Datasheet
24Kb / 2P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Inchange Semiconductor ...
FS12UMA-5A ISC-FS12UMA-5A Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
FS12UMA-5A RENESAS-FS12UMA-5A_15 Datasheet
113Kb / 7P
   HIGH-SPEED SWITCHING USE
More results

Description similaire - FS12UMA-5A

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
FY8ACH-02A RENESAS-FY8ACH-02A Datasheet
91Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FY5ACH-03A RENESAS-FY5ACH-03A Datasheet
92Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS20KMA-5A RENESAS-FS20KMA-5A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FL10KM-12A RENESAS-FL10KM-12A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FL12KM-12A RENESAS-FL12KM-12A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS70UMH-03 RENESAS-FS70UMH-03 Datasheet
80Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FL14KM-8A RENESAS-FL14KM-8A Datasheet
89Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FY5ACJ-03F RENESAS-FY5ACJ-03F Datasheet
205Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FY12AAJ-03F RENESAS-FY12AAJ-03F Datasheet
163Kb / 3P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FY7ACH-03A RENESAS-FY7ACH-03A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com