Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2247 Fiches technique(PDF) 7 Page - Renesas Technology Corp

No de pièce 2SK2247
Description  Silicon N-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2247 Fiches technique(HTML) 7 Page - Renesas Technology Corp

  2SK2247 Datasheet HTML 1Page - Renesas Technology Corp 2SK2247 Datasheet HTML 2Page - Renesas Technology Corp 2SK2247 Datasheet HTML 3Page - Renesas Technology Corp 2SK2247 Datasheet HTML 4Page - Renesas Technology Corp 2SK2247 Datasheet HTML 5Page - Renesas Technology Corp 2SK2247 Datasheet HTML 6Page - Renesas Technology Corp 2SK2247 Datasheet HTML 7Page - Renesas Technology Corp 2SK2247 Datasheet HTML 8Page - Renesas Technology Corp 2SK2247 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2SK2247
5
1000
100
10
1
0
Drain to Source Voltage V
(V)
DS
Typical Capacitance vs.
Drain to Source Voltage
10
20
30
40
50
Ciss
Coss
Crss
V
= 0
f = 1 MHz
GS
Drain Current
I
(A)
D
Switching Characteristics
0.05
0.1
0.2
0.5
1
2
5
200
100
20
50
10
2
5
V
= 10 V, PW = 2 µs
V
= 30 V, duty < 1 %
GS
DD
t f
r
t
d(on)
t
d(off)
t
5
4
3
2
1
0
0.4
0.8
1.2
1.6
2.0
Source to Drain Voltage
V
(V)
SD
Reverse Drain Current vs.
Source to Drain Voltage
10 V
5 V
V
= 0
GS
Pulse Test


Numéro de pièce similaire - 2SK2247

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SK2247 HITACHI-2SK2247 Datasheet
37Kb / 7P
   Silicon N-Channel MOS FET
More results

Description similaire - 2SK2247

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com