Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1468 Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce 2SA1468
Description  Silicon PNP Epitaxial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1468 Fiches technique(HTML) 4 Page - Renesas Technology Corp

  2SA1468 Datasheet HTML 1Page - Renesas Technology Corp 2SA1468 Datasheet HTML 2Page - Renesas Technology Corp 2SA1468 Datasheet HTML 3Page - Renesas Technology Corp 2SA1468 Datasheet HTML 4Page - Renesas Technology Corp 2SA1468 Datasheet HTML 5Page - Renesas Technology Corp 2SA1468 Datasheet HTML 6Page - Renesas Technology Corp 2SA1468 Datasheet HTML 7Page - Renesas Technology Corp 2SA1468 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SA1468
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
–180
V
Collector to emitter voltage
V
CEO
–180
V
Emitter to base voltage
V
EBO
–5
V
Collector current
I
C
–100
mA
Collector power dissipation
P
C
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
–180
V
I
C = –10 µA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
–180
V
I
C = –0.5 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
–5
V
I
E = –10 µA, IC = 0
DC current transfer ratio
h
FE*
1
100
320
V
CE = –12 V, IC = –2 mA*
2
Collector to emitter saturation
voltage
V
CE(sat)
–0.5
V
I
C = –30 mA, IB = –3 mA*
2
Base to emitter voltage
V
BE
–1.0
V
V
CE = –12 V, IC = –2 mA
Gain bandwidth product
f
T
200
MHz
V
CE = –12 V, IC = –10 mA
Collector output capacitance
Cob
3.5
pF
V
CB = –10 V, IE = 0, f = 1 MHz
Notes: 1. The 2SA1468 is grouped by h
FE as follows.
2. Pulse test
Grade
B
C
Mark
INB
INC
h
FE
100 to 200
160 to 320


Numéro de pièce similaire - 2SA1468

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SA1468 HITACHI-2SA1468 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
logo
Guangdong Kexin Industr...
2SA1468 KEXIN-2SA1468 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial
2SA1468-3 KEXIN-2SA1468-3_15 Datasheet
939Kb / 3P
   PNP Transistors
2SA1468-B KEXIN-2SA1468-B Datasheet
915Kb / 3P
   PNP Transistors
2SA1468-B KEXIN-2SA1468-B Datasheet
939Kb / 3P
   PNP Transistors
More results

Description similaire - 2SA1468

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com